Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN4496 Datasheet(PDF) 8 Page - Intersil Corporation

Part # FN4496
Description  Advanced PWM and Dual Linear Power Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FN4496 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button FN4496 Datasheet HTML 4Page - Intersil Corporation FN4496 Datasheet HTML 5Page - Intersil Corporation FN4496 Datasheet HTML 6Page - Intersil Corporation FN4496 Datasheet HTML 7Page - Intersil Corporation FN4496 Datasheet HTML 8Page - Intersil Corporation FN4496 Datasheet HTML 9Page - Intersil Corporation FN4496 Datasheet HTML 10Page - Intersil Corporation FN4496 Datasheet HTML 11Page - Intersil Corporation FN4496 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
217
sets the fault latch. A comparator indicates when CSS is
fully charged (UP signal), such that an under-voltage event
on either linear output (FB2 or FB3) is ignored until after
the soft-start interval (T4 in Figure 6). At start-up, this
allows VOUT2 and VOUT3 to slew up without generating a
fault. Cycling the bias input voltage (+12VIN on the VCC
pin) off then on resets the counter and the fault latch.
Over-Voltage Protection
During operation, a short on the upper PWM MOSFET (Q1)
causes VOUT1 to increase. When the output exceeds the
over-voltage threshold of 115% (typical) of DACOUT, the
over-voltage comparator trips to set the fault latch and turns
Q2 on as required in order to regulate VOUT1 to 1.15 x
DACOUT. This blows the input fuse and reduces VOUT1.
The fault latch raises the FAULT/RT pin close to VCC
potential.
A separate over-voltage circuit provides protection during
the initial application of power. For voltages on the VCC pin
below the power-on reset (and above ~4V), VOUT1 is
monitored for voltages exceeding 1.26V. Should VSEN1
exceed this level, the lower MOSFET (Q2) is driven on as
needed to regulate VOUT1 to 1.26V.
Over-Current Protection
All outputs are protected against excessive over-currents.
The PWM controller uses the upper MOSFET’s on-
resistance, rDS(ON) to monitor the current for protection
against shorted outputs. The linear regulator monitors the
current of the integrated power device and signals an over-
current condition for currents in excess of 230mA.
Additionally, both the linear regulator and the linear
controller monitor FB2 and FB3 for under-voltage to protect
against excessive currents.
Figures 8 and 9 illustrate the over-current protection with
an overload on OUT1. The overload is applied at T0 and
the current increases through the output inductor (LOUT1).
At time T1, the OVER-CURRENT1 comparator trips when
the voltage across Q1 (ID • rDS(ON)) exceeds the level
programmed by ROCSET. This inhibits all outputs,
discharges the soft-start capacitor (CSS) with a 11mA
current sink, and increments the counter. CSS recharges at
T2 and initiates a soft-start cycle with the error amplifiers
clamped by soft-start. With OUT1 still overloaded, the
inductor current increases to trip the over-current
comparator. Again, this inhibits all outputs, but the soft-start
voltage continues increasing to 4V before discharging. The
counter increments to 2. The soft-start cycle repeats at T3
and trips the over-current comparator. The SS pin voltage
increases to 4V at T4 and the counter increments to 3. This
sets the fault latch to disable the converter. The fault is
reported on the FAULT/RT pin.
The linear regulator operates in the same way as PWM1 to
over-current faults. Additionally, the linear regulator and
linear controller monitor the feedback pins for an under-
voltage. Should excessive currents cause FB2 or FB3 to fall
below the linear under-voltage threshold, the LUV signal
sets the over-current latch if CSS is fully charged. Blanking the
LUV signal during the CSS charge interval allows the linear
outputs to build above the under-voltage threshold during
normal start-up. Cycling the bias input power off then on
resets the counter and the fault latch.
Resistor ROCSET1 programs the over-current trip level for the
PWM converter. As shown in Figure 9, the internal 200
µA
current sink develops a voltage across ROCSET (VSET) that is
referenced to VIN. The DRIVE signal enables the over-current
comparator (OVER-CURRENT1). When the voltage across
the upper MOSFET (VDS(ON)) exceeds VSET, the over-
current comparator trips to set the over-current latch. Both
VSET and VDS are referenced to VIN and a small capacitor
across ROCSET helps VOCSET track the variations of VIN due
to MOSFET switching. The over-current function will trip at a
peak inductor current (IPEAK) determined by:
The OC trip point varies with MOSFET’s temperature. To
avoid over-current tripping in the normal operating load
range, determine the ROCSET resistor from the equation
above with:
1. The maximum rDS(ON) at the highest junction temperature.
2. The minimum IOCSET from the specification table.
3. Determine IPEAK for IPEAK > IOUT(MAX) + (∆I)/2, where
∆I is the output inductor ripple current.
0A
0V
2V
4V
FIGURE 8. OVER-CURRENT OPERATION
TIME
T1
T2
T3
T0
T4
0V
10V
COUNT
= 1
COUNT
= 2
COUNT
= 3
OVERLOAD
APPLIED
FAULT
REPORTED
I
PEAK =
I
OC SET
R
OCSET
×
r
DS ON
()
----------------------------------------------------
HIP6017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com