Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN4496 Datasheet(PDF) 1 Page - Intersil Corporation

Part # FN4496
Description  Advanced PWM and Dual Linear Power Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FN4496 Datasheet(HTML) 1 Page - Intersil Corporation

  FN4496 Datasheet HTML 1Page - Intersil Corporation FN4496 Datasheet HTML 2Page - Intersil Corporation FN4496 Datasheet HTML 3Page - Intersil Corporation FN4496 Datasheet HTML 4Page - Intersil Corporation FN4496 Datasheet HTML 5Page - Intersil Corporation FN4496 Datasheet HTML 6Page - Intersil Corporation FN4496 Datasheet HTML 7Page - Intersil Corporation FN4496 Datasheet HTML 8Page - Intersil Corporation FN4496 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
210
TM
HIP6017
Advanced PWM and Dual Linear Power
Control
The HIP6017 provides the power control and protection for
three output voltages in high-performance microprocessor
and computer applications. The IC integrates a PWM
controller, a linear regulator and a linear controller as well as
the monitoring and protection functions into a single 28 lead
SOIC package. The PWM controller regulates the
microprocessor core voltage with a synchronous-rectified
buck converter. The linear controller regulates power for the
GTL bus and the linear regulator provides power for the
clock driver circuits.
The HIP6017 includes an Intel-compatible, TTL 5-input
digital-to-analog converter (DAC) that adjusts the core PWM
output voltage from 2.1VDC to 3.5VDC in 0.1V increments
and from 1.8VDC to 2.05VDC in 0.05V steps. The precision
reference and voltage-mode control provide
±1% static
regulation. The linear regulator uses an internal pass device
to provide 2.5V
±2.5%. The linear controller drives an
external N-Channel MOSFET to provide 1.5V
±2.5%.
The HIP6017 monitors all the output voltages. A single
Power Good signal is issued when the core is within
±10% of
the DAC setting and the other levels are above their under-
voltage levels. Additional built-in over-voltage protection for
the core output uses the lower MOSFET to prevent output
voltages above 115% of the DAC setting. The PWM over-
current function monitors the output current by using the
voltage drop across the upper MOSFET’s rDS(ON), thus
eliminating the need for a current sensing resistor.
Pinout
HIP6017 (SOIC)
TOP VIEW
Features
• Provides 3 Regulated Voltages
- Microprocessor Core, Clock and GTL Power
• Drives N-Channel MOSFETs
• Operates from +3.3V, +5V and +12V Inputs
• Simple Single-Loop PWM Control Design
- Voltage-Mode Control
• Fast Transient Response
- High-Bandwidth Error Amplifier
- Full 0% to 100% Duty Ratios
• Excellent Output Voltage Regulation
- Core PWM Output:
±1% Over Temperature
- Other Outputs:
±2.5% Over Temperature
• TTL-Compatible 5-Bit Digital-to-Analog Core Output
Voltage Selection
- Wide Range . . . . . . . . . . . . . . . . . . . 1.8VDC to 3.5VDC
- 0.1V Steps . . . . . . . . . . . . . . . . . . . . 2.1VDC to 3.5VDC
- 0.05V Steps . . . . . . . . . . . . . . . . . . 1.8VDC to 2.05VDC
• Power-Good Output Voltage Monitor
• Microprocessor Core Voltage Protection Against Shorted
MOSFET
• Over-Voltage and Over-Current Fault Monitors
- Does Not Require Extra Current Sensing Element,
Uses MOSFET’s rDS(ON)
• Small Converter Size
- Constant Frequency Operation
- 200kHz Free-Running Oscillator; Programmable from
50kHz to over 1MHz
Applications
• Full Motherboard Power Regulation for Computers
• Low-Voltage Distributed Power Supplies
NC
NC
VID4
VID3
V33
NC
SS
FAULT/RT
FB2
VCC
PGND
LGATE1
PHASE1
GATE3
COMP1
GND
VOUT2
VIN2
UGATE1
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
PGOOD
VID2
GND2
VSEN1
FB3
VID1
VID0
OCSET1
FB1
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG. NO.
HIP6017CB
0 to 70
28 Ld SOIC
M28.3
HIP6017EVAL1
Evaluation Board
Data Sheet
April 1999
FN4496.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002. All Rights Reserved


Similar Part No. - FN4496

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
FN4 WELWYN-FN4 Datasheet
145Kb / 2P
Fusible Nickel Film Resistors
logo
TT Electronics.
FN4 TTELEC-FN4 Datasheet
790Kb / 2P
Fusible Nickel Film Resistors
04.09
logo
List of Unclassifed Man...
FN402-0.5-02 ETC2-FN402-0.5-02 Datasheet
237Kb / 4P
Low Cost PCB Filter
logo
Schaffner International...
FN402-0.5-02 SCHAFFNER-FN402-0.5-02 Datasheet
572Kb / 4P
Low Cost PCB Filter
logo
List of Unclassifed Man...
FN402-1-02 ETC2-FN402-1-02 Datasheet
237Kb / 4P
Low Cost PCB Filter
More results

Similar Description - FN4496

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6016 INTERSIL-HIP6016 Datasheet
130Kb / 14P
Advanced PWM and Dual Linear Power Control
January 1999
HIP6017 INTERSIL-HIP6017 Datasheet
135Kb / 14P
Advanced PWM and Dual Linear Power Control
April 1998
HIP6018 INTERSIL-HIP6018 Datasheet
133Kb / 14P
Advanced PWM and Dual Linear Power Control
April 1998
logo
Anpec Electronics Corop...
APW7015 ANPEC-APW7015 Datasheet
66Kb / 6P
Advanced PWM and Dual Linear Power Control
APW7025 ANPEC-APW7025 Datasheet
62Kb / 6P
Advanced PWM and Dual Linear Power Control
logo
Intersil Corporation
HIP6018B INTERSIL-HIP6018B_05 Datasheet
382Kb / 15P
Advanced PWM and Dual Linear Power Control
April 1, 2005
HIP6018BCB-T INTERSIL-HIP6018BCB-T Datasheet
390Kb / 15P
Advanced PWM and Dual Linear Power Control
April 1, 2005
logo
Renesas Technology Corp
HIP6018B RENESAS-HIP6018B Datasheet
758Kb / 15P
Advanced PWM and Dual Linear Power Control
HIP6016 RENESAS-HIP6016 Datasheet
766Kb / 14P
Advanced PWM and Dual Linear Power Control
January 1999
HIP6018 RENESAS-HIP6018 Datasheet
1Mb / 30P
Advanced PWM and Dual Linear Power Control
April 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com