Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS87354AMIT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ICS87354AMIT
Description  -2.5V/ 3.3V LVPECL CLOCK GENERATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS87354AMIT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ICS87354AMIT Datasheet HTML 1Page - List of Unclassifed Manufacturers ICS87354AMIT Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS87354AMIT Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS87354AMIT Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS87354AMIT Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS87354AMIT Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS87354AMIT Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS87354AMIT Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS87354AMIT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
87354AMI
www.icst.com/products/hiperclocks.html
REV. A JUNE 27, 2003
2
Integrated
Circuit
Systems, Inc.
ICS87354I
÷4/÷5 DIFFERENTIAL-TO-2.5V/3.3V
LVPECL CLOCK GENERATOR
PRELIMINARY
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
1K
L
Ct
u
p
n
In
w
o
d
ll
u
P.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
i
-
n
o
N
2K
L
C
nt
u
p
n
Ip
u
ll
u
P.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
I
3R
Mt
u
p
n
In
w
o
d
ll
u
P
,
H
G
I
H
n
e
h
W
.
d
e
l
b
a
n
e
e
r
a
s
t
u
p
t
u
o
,
W
O
L
n
e
h
W
.
t
e
s
e
r
r
e
t
s
a
M
.
H
G
I
H
t
u
p
t
u
o
Q
n
d
n
a
W
O
L
t
u
p
t
u
o
Q
g
n
i
c
r
o
f
t
e
s
e
r
s
i
r
e
d
i
v
i
d
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
4L
E
S
_
Ft
u
p
n
In
w
o
d
ll
u
P
.
3
e
l
b
a
t
n
i
d
e
b
i
r
c
s
e
d
s
a
s
t
u
p
t
u
o
Q
n
,
Q
r
o
f
e
u
l
a
v
r
e
d
i
v
i
d
s
t
c
e
l
e
S
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
5V
E
E
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
e
v
i
t
a
g
e
N
7
,
6Q
n
,
Qt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
8V
C
C
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
e
v
i
t
i
s
o
P
:
E
T
O
N
p
u
ll
u
P
d
n
a
n
w
o
d
ll
u
P
.
s
e
u
l
a
v
l
a
c
i
p
y
t
r
o
f
,
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
,
2
e
l
b
a
T
e
e
S
.
s
r
o
t
s
i
s
e
r
t
u
p
n
i
l
a
n
r
e
t
n
i
o
t
r
e
f
e
r
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
4F
p
R
P
U
L
L
U
P
r
o
t
s
i
s
e
R
p
u
ll
u
P
t
u
p
n
I
1
5K
Ω
R
N
W
O
D
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
1
5K
Ω
TABLE 3. FUNCTION TABLE
R
ML
E
S
_
Fe
u
l
a
V
e
d
i
v
i
D
1X
h
g
i
h
t
u
p
t
u
o
Q
n
,
w
o
l
t
u
p
t
u
o
Q
:
t
e
s
e
R
00
4
÷
01
5
÷
FIGURE 1. TIMING DIAGRAM
CLK
MR
Q



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com