Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS87354AMIT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ICS87354AMIT
Description  -2.5V/ 3.3V LVPECL CLOCK GENERATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS87354AMIT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ICS87354AMIT Datasheet HTML 1Page - List of Unclassifed Manufacturers ICS87354AMIT Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS87354AMIT Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS87354AMIT Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS87354AMIT Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS87354AMIT Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS87354AMIT Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS87354AMIT Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS87354AMIT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
87354AMI
www.icst.com/products/hiperclocks.html
REV. A JUNE 27, 2003
1
Integrated
Circuit
Systems, Inc.
ICS87354I
÷4/÷5 DIFFERENTIAL-TO-2.5V/3.3V
LVPECL CLOCK GENERATOR
PRELIMINARY
GENERAL DESCRIPTION
The ICS87354I is a high performance ÷4/÷5 Dif-
ferential-to-2.5V/3.3V ECL/LVPECL Clock Genera-
tor and a member of the HiPerClockS™ family of
High Performance Clock Solutions from ICS. The
CLK, nCLK pair can accept most standard differ-
ential input levels. The ICS87354I is characterized to operate
from either a 2.5V or a 3.3V power supply. Guaranteed output
and part-to-part skew characteristics make the ICS87354I ideal
for those clock distribution applications demanding well defined
performance and repeatability.
FEATURES
• 1 differential 2.5V/3.3V LVPECL / ECL output
• 1 CLK, nCLK input pair
• CLK, nCLK pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Maximum output frequency: 250MHz
• Input frequency: >1GHz
• Translates any single ended input signal to
3.3V LVPECL levels with resistor bias on nCLK input
• Output skew: 38ps (maximum)
• Part-to-part skew: 375ps (maximum)
• Propagation delay: 2.1ns (maximum)
• LVPECL mode operating voltage supply range:
V
CC = 2.375V to 3.8V, VEE = 0V
• ECL mode operating voltage supply range:
V
CC = 0V, VEE = -2.375V to -3.8V
• -40°C to 85°C ambient operating temperature
BLOCK DIAGRAM
PIN ASSIGNMENT
ICS87354I
8-Lead SOIC
3.90mm x 4.90mm x 1.37mm package body
M Package
Top View
CLK
nCLK
MR
F_SEL
1
2
3
4
HiPerClockS™
,&6
Vcc
Q
nQ
VEE
8
7
6
5
Q
nQ
CLK
nCLK
÷4
MR
÷5
R
0
1
F_SEL
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial
product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice.


Similar Part No. - ICS87354AMIT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8735-01 ICST-ICS8735-01 Datasheet
287Kb / 17P
1:5 DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
REV. F NOVEMBER 12, 2004
logo
List of Unclassifed Man...
ICS8735-21 ETC-ICS8735-21 Datasheet
198Kb / 15P
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
logo
Integrated Device Techn...
ICS8735-21 IDT-ICS8735-21 Datasheet
840Kb / 20P
700MHz, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS8735AK-01 ICST-ICS8735AK-01 Datasheet
287Kb / 17P
1:5 DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
REV. F NOVEMBER 12, 2004
ICS8735AK-01T ICST-ICS8735AK-01T Datasheet
287Kb / 17P
1:5 DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
REV. F NOVEMBER 12, 2004
More results

Similar Description - ICS87354AMIT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843251I-12 ICST-ICS843251I-12 Datasheet
171Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
REV. A JANUARY 10, 2006
logo
Integrated Device Techn...
ICS843031-01 IDT-ICS843031-01 Datasheet
304Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO- 3.3V, 2.5V LVPECL CLOCK GENERATOR
ICS843021I-01 IDT-ICS843021I-01 Datasheet
704Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
ICS843241I-04 IDT-ICS843241I-04 Datasheet
283Kb / 14P
FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
843022I-02 IDT-843022I-02 Datasheet
520Kb / 17P
FemtoClock짰 Crystal-to-3.3V, 2.5V LVPECL Clock Generator
843031-01 IDT-843031-01 Datasheet
343Kb / 16P
FemtoClocks Crystal-to-3.3V, 2.5V LVPECL Clock Generator
843031I-01 IDT-843031I-01 Datasheet
203Kb / 16P
FemtoClock Crystal-to-3.3V, 2.5V LVPECL Clock Generator
843071 IDT-843071 Datasheet
443Kb / 18P
FemtoClock Crystal-to-3.3V, 2.5V LVPECL Clock Generator
logo
Renesas Technology Corp
843031-01 RENESAS-843031-01 Datasheet
546Kb / 17P
FemtoClocks® Crystal-to-3.3V, 2.5V LVPECL Clock Generator
10/15/15
ICS843001CI RENESAS-ICS843001CI Datasheet
506Kb / 17P
FEMTOCLOCK™ CRYSTAL-TO- 3.3V, 2.5V LVPECL CLOCK GENERATOR
MARCH 6, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com