Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM34 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM34
Description  Precision Fahrenheit Temperature Sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM34 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM34 Datasheet HTML 1Page - National Semiconductor (TI) LM34 Datasheet HTML 2Page - National Semiconductor (TI) LM34 Datasheet HTML 3Page - National Semiconductor (TI) LM34 Datasheet HTML 4Page - National Semiconductor (TI) LM34 Datasheet HTML 5Page - National Semiconductor (TI) LM34 Datasheet HTML 6Page - National Semiconductor (TI) LM34 Datasheet HTML 7Page - National Semiconductor (TI) LM34 Datasheet HTML 8Page - National Semiconductor (TI) LM34 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DC Electrical Characteristics (Note 1 Note 6) (Continued)
LM34
LM34C LM34D
Parameter
Conditions
Tested
Design
Tested
Design
Units
Typical
Limit
Limit
Typical
Limit
Limit
(Max)
(Note 4)
(Note 5)
(Note 4)
(Note 5)
Accuracy LM34 LM34C
TA ea77 F
g
08
g
20
g
08
g
20
F
(Note 7)
TA e 0 F
g
10
g
10
g
30
F
TA e TMAX
g
16
g
30
g
16
g
30
F
TA e TMIN
g
16
g
30
g
16
g
40
F
Accuracy LM34D
TA ea77 F
g
12
g
30
F
(Note 7)
TA e TMAX
g
18
g
40
F
TA e TMIN
g
18
g
40
F
Nonlinearity (Note 8)
TMIN s TA s TMAX
g
06
g
10
g
04
g
10
F
Sensor Gain
TMIN s TA s TMAX
a
100
a
98
a
100
a
98
mV F min
(Average Slope)
a
102
a
102
mV F max
Load Regulation
TA ea77 F
g
04
g
25
g
04
g
25
mVmA
(Note 3)
TMIN s TA s a150 F
g
05
g
60
g
05
g
60
mVmA
0 s IL s 1mA
Line Regulation (Note 3)
TA ea77 F
g
001
g
01
g
001
g
01
mVV
5V s VS s 30V
g
002
g
02
g
002
g
02
mVV
Quiescent Current
VS ea5V a77 F
75
100
75
100
m
A
(Note 9)
VS ea5V
131
176
116
154
m
A
VS ea30V a77 F
76
103
76
103
m
A
VS ea30V
132
181
117
159
m
A
Change of Quiescent
4V s VS s 30V a77 F
a
05
30
05
30
m
A
Current (Note 3)
5V s VS s 30V
a
10
50
10
50
m
A
Temperature Coefficient
a
030
a
07
a
030
a
07
m
A F
of Quiescent Current
Minimum Temperature
In circuit of
Figure 1
a
30
a
50
a
30
a
50
F
for Rated Accuracy
IL e 0
Long-Term Stability
Tj e TMAX for 1000 hours
g
016
g
016
F
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com