Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM34 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM34
Description  Precision Fahrenheit Temperature Sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM34 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM34 Datasheet HTML 1Page - National Semiconductor (TI) LM34 Datasheet HTML 2Page - National Semiconductor (TI) LM34 Datasheet HTML 3Page - National Semiconductor (TI) LM34 Datasheet HTML 4Page - National Semiconductor (TI) LM34 Datasheet HTML 5Page - National Semiconductor (TI) LM34 Datasheet HTML 6Page - National Semiconductor (TI) LM34 Datasheet HTML 7Page - National Semiconductor (TI) LM34 Datasheet HTML 8Page - National Semiconductor (TI) LM34 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLH6685
December 1994
LM34LM34ALM34CLM34CALM34D
Precision Fahrenheit Temperature Sensors
General Description
The LM34 series are precision integrated-circuit tempera-
ture sensors whose output voltage is linearly proportional to
the Fahrenheit temperature The LM34 thus has an advan-
tage over linear temperature sensors calibrated in degrees
Kelvin as the user is not required to subtract a large con-
stant voltage from its output to obtain convenient Fahren-
heit scaling The LM34 does not require any external cali-
bration or trimming to provide typical accuracies of g
Fat
room temperature and g1
F over a full b50 to a300 F
temperature range Low cost is assured by trimming and
calibration at the wafer level The LM34’s low output imped-
ance linear output and precise inherent calibration make
interfacing to readout or control circuitry especially easy It
can be used with single power supplies or with plus and
minus supplies As it draws only 75 mA from its supply it has
very low self-heating less than 02 F in still air The LM34 is
rated to operate over a b50
to a300 F temperature
range while the LM34C is rated for a b40 to a230 F
range (0 F with improved accuracy) The LM34 series is
available packaged in hermetic TO-46 transistor packages
while the LM34C LM34CA and LM34D are also available in
the plastic TO-92 transistor package The LM34D is also
available in an 8-lead surface mount small outline package
The LM34 is a complement to the LM35 (Centigrade) tem-
perature sensor
Features
Y
Calibrated directly in degrees Fahrenheit
Y
Linear a100 mV F scale factor
Y
10 F accuracy guaranteed (at a77 F)
Y
Rated for full b50 to a300 F range
Y
Suitable for remote applications
Y
Low cost due to wafer-level trimming
Y
Operates from 5 to 30 volts
Y
Less than 90 mA current drain
Y
Low self-heating 018 F in still air
Y
Nonlinearity only g05 F typical
Y
Low-impedance output 04X for 1 mA load
Connection Diagrams
TO-46
Metal Can Package
TLH6685 – 1
Case is connected to negative pin (GND)
Order Numbers LM34H LM34AH
LM34CH LM34CAH or LM34DH
See NS Package Number H03H
TO-92
Plastic Package
TLH6685 – 2
Order Number LM34CZ
LM34CAZ or LM34DZ
See NS Package Number Z03A
SO-8
Small Outline Molded Package
TLH6685 – 20
Top View
NC e No Connection
Order Number LM34DM
See NS Package Number M08A
Typical Applications
TLH6685 – 3
FIGURE 1 Basic Fahrenheit Temperature Sensor
(a5 to a300 F)
TLH6685 – 4
FIGURE 2 Full-Range Fahrenheit Temperature Sensor
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - LM34

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM34 NSC-LM34 Datasheet
248Kb / 12P
Precision Fahrenheit Temperature Sensors
LM34 NSC-LM34 Datasheet
254Kb / 12P
Precision Fahrenheit Temperature Sensors
logo
Texas Instruments
LM34 TI1-LM34 Datasheet
508Kb / 23P
Precision Fahrenheit Temperature Sensors
LM34 TI1-LM34 Datasheet
1Mb / 27P
Precision Fahrenheit Temperature Sensors
LM34 TI2-LM34 Datasheet
893Kb / 33P
LM34 Precision Fahrenheit Temperature Sensors
REVISED JANUARY 2016
More results

Similar Description - LM34

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM135 NSC-LM135 Datasheet
291Kb / 14P
Precision Temperature Sensors
LM34 NSC-LM34 Datasheet
248Kb / 12P
Precision Fahrenheit Temperature Sensors
logo
STMicroelectronics
LM135 STMICROELECTRONICS-LM135 Datasheet
118Kb / 11P
PRECISION TEMPERATURE SENSORS
Oct-1997
logo
National Semiconductor ...
LM34 NSC-LM34_00 Datasheet
254Kb / 12P
Precision Fahrenheit Temperature Sensors
logo
STMicroelectronics
LM135 STMICROELECTRONICS-LM135_08 Datasheet
574Kb / 16P
Precision temperature sensors
11-Feb-2007
logo
National Semiconductor ...
LM135 NSC-LM135_08 Datasheet
867Kb / 16P
Precision Temperature Sensors
logo
Texas Instruments
LM34 TI-LM34_15 Datasheet
307Kb / 19P
LM34 Precision Fahrenheit Temperature Sensors
LM34 TI1-LM34 Datasheet
508Kb / 23P
Precision Fahrenheit Temperature Sensors
LM34 TI1-LM34_16 Datasheet
1Mb / 27P
Precision Fahrenheit Temperature Sensors
logo
Riedon Powertron
RTDW1N1001 RIEDON-RTDW1N1001 Datasheet
255Kb / 1P
Precision Wirewound Temperature Sensors
201907_002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com