Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47B27X Datasheet(PDF) 21 Page - SMSC Corporation

Part # LPC47B27X
Description  100 PIN ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47B27X Datasheet(HTML) 21 Page - SMSC Corporation

Back Button LPC47B27X Datasheet HTML 17Page - SMSC Corporation LPC47B27X Datasheet HTML 18Page - SMSC Corporation LPC47B27X Datasheet HTML 19Page - SMSC Corporation LPC47B27X Datasheet HTML 20Page - SMSC Corporation LPC47B27X Datasheet HTML 21Page - SMSC Corporation LPC47B27X Datasheet HTML 22Page - SMSC Corporation LPC47B27X Datasheet HTML 23Page - SMSC Corporation LPC47B27X Datasheet HTML 24Page - SMSC Corporation LPC47B27X Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 196 page
background image
SMSC LPC47B27x
- 21 -
Rev. 08-10-04
DATASHEET
POWER MANAGEMENT
CLOCKRUN Protocol
The CLKRUN# pin is not implemented in the LPC47B27x.
See the Low Pin Count (LPC) Interface Specification Reference, Section 8.1.
LPCPD Protocol
See the Low Pin Count (LPC) Interface Specification Reference, Section 8.2.
SYNC Protocol
See the Low Pin Count (LPC) Interface Specification Reference, Section 4.2.1.8 for a table of valid SYNC values.
Typical Usage
The SYNC pattern is used to add wait states. For read cycles, the LPC47B27x immediately drives the SYNC pattern
upon recognizing the cycle. The host immediately drives the sync pattern for write cycles. If the LPC47B27x needs to
assert wait states, it does so by driving 0101 or 0110 on LAD[3:0] until it is ready, at which point it will drive 0000 or
1001. The LPC47B27x will choose to assert 0101 or 0110, but not switch between the two patterns.
The data (or wait state SYNC) will immediately follow the 0000 or 1001 value.
The SYNC value of 0101 is intended to be used for normal wait states, wherein the cycle will complete within a few
clocks. The LPC47B27x uses a SYNC of 0101 for all wait states in a DMA transfer.
The SYNC value of 0110 is intended to be used where the number of wait states is large. This is provided for EPP
cycles, where the number of wait states could be quite large (>1 microsecond). However, the LPC47B27x uses a
SYNC of 0110 for all wait states in an I/O transfer.
The SYNC value is driven within 3 clocks.
SYNC Timeout
The SYNC value is driven within 3 clocks. If the host observes 3 consecutive clocks without a valid SYNC pattern, it
will abort the cycle.
The LPC47B27x does not assume any particular timeout. When the host is driving SYNC, it may have to insert a
very large number of wait states, depending on PCI latencies and retries.
SYNC Patterns and Maximum Number of SYNCS
If the SYNC pattern is 0101, then the host assumes that the maximum number of SYNCs is 8.
If the SYNC pattern is 0110, then no maximum number of SYNCs is assumed. The LPC47B27x has protection
mechanisms to complete the cycle. This is used for EPP data transfers and should utilize the same timeout
protection that is in EPP.
SYNC Error Indication
The LPC47B27x reports errors via the LAD[3:0] = 1010 SYNC encoding.
If the host was reading data from the LPC47B27x, data will still be transferred in the next two nibbles. This data may
be invalid, but it will be transferred by the LPC47B27x. If the host was writing data to the LPC47B27x, the data had
already been transferred.
In the case of multiple byte cycles, such as DMA cycles, an error SYNC terminates the cycle. Therefore, if the host is
transferring 4 bytes from a device, if the device returns the error SYNC in the first byte, the other three bytes will not
be transferred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com