Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47B27X Datasheet(PDF) 32 Page - SMSC Corporation

Part # LPC47B27X
Description  100 PIN ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47B27X Datasheet(HTML) 32 Page - SMSC Corporation

Back Button LPC47B27X Datasheet HTML 28Page - SMSC Corporation LPC47B27X Datasheet HTML 29Page - SMSC Corporation LPC47B27X Datasheet HTML 30Page - SMSC Corporation LPC47B27X Datasheet HTML 31Page - SMSC Corporation LPC47B27X Datasheet HTML 32Page - SMSC Corporation LPC47B27X Datasheet HTML 33Page - SMSC Corporation LPC47B27X Datasheet HTML 34Page - SMSC Corporation LPC47B27X Datasheet HTML 35Page - SMSC Corporation LPC47B27X Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 196 page
background image
SMSC LPC47B27x
- 32 -
Rev. 08-10-04
DATASHEET
CONFIGURATION CONTROL REGISTER (CCR)
Address 3F7 WRITE ONLY
PC/AT and PS/2 Modes
7
6
5
4
3
2
1
0
0
0
0
0
0
0
DRATE
SEL1
DRATE
SEL0
RESET
COND.
N/A
N/A
N/A
N/A
N/A
N/A
1
0
BIT 0 and 1 DATA RATE SELECT 0 and 1
These bits determine the data rate of the floppy controller. See Table 8 for the appropriate values.
BIT 2 - 7 RESERVED
Should be set to a logical "0"
PS/2 Model 30 Mode
7
6
5
4
3
2
1
0
0
0
0
0
0
NOPREC DRATE
SEL1
DRATE
SEL0
RESET
COND.
N/A
N/A
N/A
N/A
N/A
N/A
1
0
BIT 0 and 1 DATA RATE SELECT 0 and 1
These bits determine the data rate of the floppy controller. See Table 8 for the appropriate values.
BIT 2 NO PRECOMPENSATION
This bit can be set by software, but it has no functionality. It can be read by bit 2 of the DSR when in Model 30 register
mode. Unaffected by software reset.
BIT 3 - 7 RESERVED
Should be set to a logical "0"
Table 9 shows the state of the DENSEL pin. The DENSEL pin is set high after a hardware reset and is unaffected by the
DOR and the DSR resets.
STATUS REGISTER ENCODING
During the Result Phase of certain commands, the Data Register contains data bytes that give the status of the
command just executed.
Table 12 - Status Register 0
BIT NO.
SYMBOL
NAME
DESCRIPTION
7,6
IC
Interrupt Code 00 - Normal termination of command. The specified
command was properly executed and completed without
error.
01 - Abnormal termination of command.
Command
execution was started, but was not successfully
completed.
10 - Invalid command. The requested command could
not be executed.
11 - Abnormal termination caused by Polling.
5
SE
Seek End
The FDC completed a Seek, Relative Seek or
Recalibrate command (used during a Sense Interrupt
Command).
4
EC
Equipment
Check
The TRK0 pin failed to become a "1" after:
1. 80 step pulses in the Recalibrate command.
2. The Relative Seek command caused the FDC to
step outward beyond Track 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com