Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6642BBCZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD6642BBCZ
Description  Dual IF Receiver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6642BBCZ Datasheet(HTML) 3 Page - Analog Devices

  AD6642BBCZ Datasheet HTML 1Page - Analog Devices AD6642BBCZ Datasheet HTML 2Page - Analog Devices AD6642BBCZ Datasheet HTML 3Page - Analog Devices AD6642BBCZ Datasheet HTML 4Page - Analog Devices AD6642BBCZ Datasheet HTML 5Page - Analog Devices AD6642BBCZ Datasheet HTML 6Page - Analog Devices AD6642BBCZ Datasheet HTML 7Page - Analog Devices AD6642BBCZ Datasheet HTML 8Page - Analog Devices AD6642BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
AD6642
Rev. A | Page 2 of 32
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
Product Highlights ........................................................................... 1
 
Revision History ............................................................................... 2
 
General Description ......................................................................... 3
 
Specifications..................................................................................... 4
 
DC Specifications ......................................................................... 4
 
AC Specifications.......................................................................... 5
 
Digital Specifications ................................................................... 6
 
Switching Specifications .............................................................. 7
 
Timing Specifications .................................................................. 8
 
Absolute Maximum Ratings............................................................ 9
 
Thermal Characteristics .............................................................. 9
 
ESD Caution.................................................................................. 9
 
Pin Configuration and Function Descriptions........................... 10
 
Typical Performance Characteristics ........................................... 12
 
Equivalent Circuits ......................................................................... 15
 
Theory of Operation ...................................................................... 16
 
ADC Architecture ...................................................................... 16
 
Analog Input Considerations.................................................... 16
 
Clock Input Considerations ...................................................... 18
 
Power Dissipation and Standby Mode .................................... 20
 
Channel/Chip Synchronization................................................ 20
 
Digital Outputs ........................................................................... 21
 
Timing ......................................................................................... 21
 
Noise Shaping Requantizer (NSR) ............................................... 22
 
22% BW Mode (>40 MHz @ 184.32 MSPS)........................... 22
 
33% BW Mode (>60 MHz @ 184.32 MSPS)........................... 22
 
MODE Pin................................................................................... 23
 
Built-In Self-Test (BIST) and Output Test .................................. 24
 
Built-In Self-Test (BIST)............................................................ 24
 
Output Test Modes..................................................................... 24
 
Serial Port Interface (SPI).............................................................. 25
 
Configuration Using the SPI..................................................... 25
 
Hardware Interface..................................................................... 25
 
Memory Map .................................................................................. 26
 
Reading the Memory Map Register Table............................... 26
 
Memory Map Register Table..................................................... 27
 
Memory Map Register Descriptions........................................ 29
 
Applications Information .............................................................. 30
 
Design Guidelines ...................................................................... 30
 
Outline Dimensions ....................................................................... 31
 
Ordering Guide .......................................................................... 31
 
REVISION HISTORY
7/10—Rev. 0 to Rev. A
Changes to ADC Architecture Section........................................ 16
Changes to Figure 34 and Figure 35............................................. 18
Changes to Timing Section and Data Clock Output (DCO)
Section.............................................................................................. 21
Changes to 22% BW Mode (>40 MHz @ 184.32 MSPS) Section
and 33% BW Mode (>60 MHz @ 184.32 MSPS)
Section ......... 22
Changes to Design Guidelines Section........................................ 30
10/09—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com