Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6642BBCZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD6642BBCZ
Description  Dual IF Receiver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6642BBCZ Datasheet(HTML) 1 Page - Analog Devices

  AD6642BBCZ Datasheet HTML 1Page - Analog Devices AD6642BBCZ Datasheet HTML 2Page - Analog Devices AD6642BBCZ Datasheet HTML 3Page - Analog Devices AD6642BBCZ Datasheet HTML 4Page - Analog Devices AD6642BBCZ Datasheet HTML 5Page - Analog Devices AD6642BBCZ Datasheet HTML 6Page - Analog Devices AD6642BBCZ Datasheet HTML 7Page - Analog Devices AD6642BBCZ Datasheet HTML 8Page - Analog Devices AD6642BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Dual IF Receiver
AD6642
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009–2010 Analog Devices, Inc. All rights reserved.
FEATURES
11-bit, 200 MSPS output data rate per channel
Integrated noise shaping requantizer (NSR)
Performance with NSR enabled
SNR: 75.5 dBFS in 40 MHz band to 70 MHz @ 185 MSPS
SNR: 73.7 dBFS in 60 MHz band to 70 MHz @ 185 MSPS
Performance with NSR disabled
SNR: 66.5 dBFS to 70 MHz @ 185 MSPS
SFDR: 83 dBc to 70 MHz @ 185 MSPS
Low power: 0.62 W @ 185 MSPS
1.8 V analog supply operation
1.8 V LVDS (ANSI-644 levels) output
1-to-8 integer clock divider
Internal ADC voltage reference
1.75 V p-p analog input range (programmable to 2.0 V p-p)
Differential analog inputs with 800 MHz bandwidth
95 dB channel isolation/crosstalk
Serial port control
User-configurable built-in self-test (BIST) capability
Energy-saving power-down modes
APPLICATIONS
Communications
Diversity radio and smart antenna (MIMO) systems
Multimode digital receivers (3G)
WCDMA, LTE, CDMA2000
WiMAX, TD-SCDMA
I/Q demodulation systems
General-purpose software radios
FUNCTIONAL BLOCK DIAGRAM
VIN+A
D0±AB
D10±AB
VIN–A
PIPELINE
ADC
NOISE SHAPING
REQUANTIZER
VIN+B
VIN–B
PIPELINE
ADC
SERIAL PORT
REFERENCE
14
11
NOISE SHAPING
REQUANTIZER
AD6642
14
11
CLOCK
DIVIDER
VCMA
VCMB
DC0±AB
SCLK
SDIO
CSB
CLK+
AVDD
AGND
DRVDD
DRGND
CLK–
MODE
SYNC
PDWN
Figure 1.
PRODUCT HIGHLIGHTS
1.
Two ADCs are contained in a small, space-saving,
10 mm × 10 mm × 1.4 mm, 144-ball CSP_BGA package.
2.
Pin selectable noise shaping requantizer (NSR) function
that allows for improved SNR within a reduced bandwidth
of up to 60 MHz at 185 MSPS.
3.
LVDS digital output interface configured for low cost
FPGA families.
4.
120 mW per ADC core power consumption.
5.
Operation from a single 1.8 V supply.
6.
Standard serial port interface (SPI) that supports various
product features and functions, such as data formatting
(offset binary or twos complement), NSR, power-down,
test modes, and voltage reference mode.
7.
On-chip integer 1-to-8 input clock divider and multichip
sync function to support a wide range of clocking schemes
and multichannel subsystems.


Similar Part No. - AD6642BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6642BBCZ AD-AD6642BBCZ Datasheet
1Mb / 32P
Dual IF Receiver
REV. 0
AD6642BBCZRL AD-AD6642BBCZRL Datasheet
1Mb / 32P
Dual IF Receiver
REV. 0
More results

Similar Description - AD6642BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6642 AD-AD6642 Datasheet
1Mb / 32P
Dual IF Receiver
REV. 0
AD6659 AD-AD6659 Datasheet
1Mb / 40P
Dual IF Receiver
REV. A
logo
Texas Instruments
ADS58C28 TI1-ADS58C28 Datasheet
2Mb / 67P
Dual Channel IF Receiver with SNRBoost3G
ADS58C28 TI-ADS58C28 Datasheet
2Mb / 67P
Dual Channel IF Receiver with SNRBoost3G
ADS58C28IRGCR TI1-ADS58C28IRGCR Datasheet
2Mb / 67P
Dual Channel IF Receiver with SNRBoost3G
ADS58C28 TI1-ADS58C28_14 Datasheet
2Mb / 68P
Dual Channel IF Receiver with SNRBoost3G
logo
Analog Devices
AD6643 AD-AD6643_12 Datasheet
1Mb / 40P
Dual IF Receiver
REV. C
AD6673 AD-AD6673 Datasheet
1Mb / 45P
80 MHz Bandwidth, Dual IF Receiver
REV. C
AD6643 AD-AD6643_17 Datasheet
1Mb / 41P
Dual IF Receiver
23-Feb-2017
AD6673 AD-AD6673_17 Datasheet
1Mb / 46P
80 MHz Bandwidth, Dual IF Receiver
25-Mar-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com