Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6650ABC Datasheet(PDF) 45 Page - Analog Devices

Part # AD6650ABC
Description  GSM/EDGE Narrow-Band Receiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650ABC Datasheet(HTML) 45 Page - Analog Devices

Back Button AD6650ABC Datasheet HTML 37Page - Analog Devices AD6650ABC Datasheet HTML 38Page - Analog Devices AD6650ABC Datasheet HTML 39Page - Analog Devices AD6650ABC Datasheet HTML 40Page - Analog Devices AD6650ABC Datasheet HTML 41Page - Analog Devices AD6650ABC Datasheet HTML 42Page - Analog Devices AD6650ABC Datasheet HTML 43Page - Analog Devices AD6650ABC Datasheet HTML 44Page - Analog Devices AD6650ABC Datasheet HTML 45Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 45 / 45 page
background image
AD6650
Rev. A | Page 44 of 44
OUTLINE DIMENSIONS
*COMPLIANT WITH JEDEC STANDARDS MO-192-ABD-1 WITH
EXCEPTION TO PACKAGE HEIGHT AND THICKNESS.
DETAIL A
0.70
0.60
0.50
BALL DIAMETER
0.20
COPLANARITY
1.00
BSC
10.00
BSC SQ
A
B
C
D
E
F
G
H
J
K
L
10
8 7 63 21
9
5 4
11
*1.31
1.21
1.11
A1 CORNER
INDEX AREA
TOP VIEW
BALL A1
CORNER
DETAIL A
BOTTOM VIEW
0.50 NOM
0.30 MIN
*1.85
1.71
1.40
12.20
12.00 SQ
11.80
SEATING
PLANE
Figure 42. 121-Lead Chip Scale Package Ball Grid Array [CSP_BGA]
(BC-121)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range1
Package Description
Package Option
AD6650ABC
−25°C to +85°C
121-Lead Chip Scale Package Ball Grid Array [CSP_BGA]
BC-121
AD6650ABCZ2
−25°C to +85°C
121-Lead Chip Scale Package Ball Grid Array [CSP_BGA]
BC-121
AD6650BBC
−25°C to +85°C
121-Lead Chip Scale Package Ball Grid Array [CSP_BGA]
BC-121
AD6650BBCZ2
−25°C to +85°C
121-Lead Chip Scale Package Ball Grid Array [CSP_BGA]
BC-121
AD6650/PCB
Evaluation Board with AD6650 and Software
1 The AD6650 is guaranteed fully functional from −40°C to +85°C. All ac minimum specifications are guaranteed from −25°C to +85°C, but degrade slightly from −25°C
to −40°C.
2 Z = Pb-free part.
©2006–2007 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D03683-0-1/07(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com