Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6650ABC Datasheet(PDF) 23 Page - Analog Devices

Part # AD6650ABC
Description  GSM/EDGE Narrow-Band Receiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650ABC Datasheet(HTML) 23 Page - Analog Devices

Back Button AD6650ABC Datasheet HTML 19Page - Analog Devices AD6650ABC Datasheet HTML 20Page - Analog Devices AD6650ABC Datasheet HTML 21Page - Analog Devices AD6650ABC Datasheet HTML 22Page - Analog Devices AD6650ABC Datasheet HTML 23Page - Analog Devices AD6650ABC Datasheet HTML 24Page - Analog Devices AD6650ABC Datasheet HTML 25Page - Analog Devices AD6650ABC Datasheet HTML 26Page - Analog Devices AD6650ABC Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
AD6650
Rev. A | Page 22 of 44
LO SYNTHESIS
The AD6650 has a fully integrated quadrature LO synthesizer
consisting of a voltage-controlled oscillator (VCO) and a phase-
locked loop (PLL). Together these blocks generate quadrature
IF LO signals for the demodulators.
Figure 27 shows a block diagram of the LO synthesis block.
Besides the usual PLL and VCO, there is also a programmable
half-rate divider (Div-X and a fixed divide-by-4 quadrature
divider that produces the final I and Q LO signals).
VCO
The VCO generates an on-chip RF signal in the range of
2.2 GHz to 2.8 GHz. The only external component required is a
bypass capacitor for the low dropout (LDO) voltage regulator
used to power the VCO tank core. The VCO uses overlapping
bands to achieve the wide tuning range while maintaining
excellent phase noise and spurious performance. During band
selection, which takes 5 PFD cycles, the VCO VTUNE is disconnected
from the output of the loop filter and connected to an internal
reference voltage. After band select, normal PLL action
resumes. The nominal value of KV is 65 MHz/V, where KV is the
VCO sensitivity.
Immediately following the VCO is a programmable half-rate
divider that has settings of divide-by-2, -2.5, -3, -3.5, and so on,
up to divide-by-8. This function divides the VCO frequency
down to four times the LO frequency and effectively extends
the tuning range of the VCO. The VCO and the half-rate
divider can be thought of as a single lower frequency VCO with
a frequency range of 280 MHz to 1040 MHz.
Autocalibration selects both the VCO operating band and the
oscillator amplitude to ensure peak operating performance
across the entire frequency range. The half-rate divide setting is
also selected as part of the VCO calibration. Autocalibration is
performed whenever PLL Register 3 (the test mode latch) is
written; therefore, all other PLL registers should be set first, and
Register 3 should be written to last. This is true whenever
programming any portion of the LO synthesizer because the
VCO may need to recalibrate itself, depending on the changes
made to the registers.
PLL
The integer-N type PLL consists of a programmable reference
divider (R-divider), a prescaler and feedback divider (N-divider),
a phase-frequency detector (PFD), and a charge pump. The
output of the charge pump drives an external loop filter, which
in turn drives the input of the VCO.
R-Divider
The 14-bit R-divider divides down the input clock frequency to
produce the reference frequency for the phase-frequency
detector. Although division ratios from 1 to 16,383 are allowed,
the maximum update rate for the PFD is 1 MHz. The selected
update rate of the PFD and the subsequent charge pump
determines the spurious performance of the LO synthesizer;
therefore, the PFD reference frequency should be set for
optimal placement of spurs.
Prescaler and Feedback Dividers
The dual modulus prescaler, P/(P + 1), and the A and B
feedback dividers (5 bits and 13 bits, respectively) combine to
provide a wide ranging N-divider in the PLL feedback loop. The
feedback division is N = 8B + A. Including the final quadrature
divider (divide-by-4), the LO frequency is given by
(
)
R
A
B
f
f
CLK
LO
4
8 +
×
×
=
(18)
where:
fLO
is the local oscillator frequency.
fCLK
is the external frequency oscillator.
B
is the 13-bit divider (3 to 8191).
A
is the 5-bit swallow divider (0 to 31).
R
is the input reference divider (1 to 16,384).
The fCLK/4R term combines the effects of the reference divider
and the final quadrature divider, and determines the frequency
spacing for the LO synthesizer. For a typical GSM application,
fCLK = 52 MHz and R = 65 result in a 200 kHz PFD update rate,
which sets the frequency spacing at a desired 200 kHz. However,
this also places LO spurs at offsets of 200 kHz multiples, which
might degrade the interferer/blocker performance.
R-DIV
14-BIT
B-DIV
13-BIT
A-DIV
5-BIT
PRESCALER
P/(P + 1)
PFD
CHARGE
PUMP
UP
DN
VCO
fCLK
IOUT
DIV-X
DIV-4
QOUT
CAL
fREF
EXTERNAL
LOOP FILTER
N-COUNTER
Figure 27. PLL Circuit
PFD and Charge Pump
The phase-frequency detector (PFD) takes inputs from the
R-divider and N-divider and produces an output proportional
to the phase and frequency difference between them. The PFD
includes a programmable delay element that controls the width
of the antibacklash pulse. This pulse ensures that there is no
dead zone in the PFD transfer function and minimizes
reference spurs.
Loop Filter
The final element in the LO synthesizer is the external loop
filter, which is generally a first-order or second-order RC low-
pass filter. A filter like the one shown in Figure 28 is recommended
to provide a good balance of stability, spurs, and phase noise.
This partiular filter is optimized for an update rate of 1 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com