Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6650BBC Datasheet(PDF) 5 Page - Analog Devices

Part # AD6650BBC
Description  GSM/EDGE Narrow-Band Receiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650BBC Datasheet(HTML) 5 Page - Analog Devices

  AD6650BBC Datasheet HTML 1Page - Analog Devices AD6650BBC Datasheet HTML 2Page - Analog Devices AD6650BBC Datasheet HTML 3Page - Analog Devices AD6650BBC Datasheet HTML 4Page - Analog Devices AD6650BBC Datasheet HTML 5Page - Analog Devices AD6650BBC Datasheet HTML 6Page - Analog Devices AD6650BBC Datasheet HTML 7Page - Analog Devices AD6650BBC Datasheet HTML 8Page - Analog Devices AD6650BBC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
AD6650
Rev. A | Page 4 of 44
Parameter
Temp
Test Level
Min
Typ
Max
Unit
f = 150 MHz
Coarse DC Correction
V
−70
dB
Noise Figure2
V
10
dB
Input IP22
Full
IV
24
37
dBm
Input IP32
Full
IV
−15
−11.5
dBm
Image Rejection
Full
IV
−46.5
−33
dBc
Full-Scale Input Power
V
4
dBm
Input Impedance
V
169.3 − j59.2
Ω
f = 200 MHz
Coarse DC Correction
V
−70
dB
Noise Figure2
V
10
dB
Input IP22
Full
IV
24
35
dBm
Input IP32
Full
IV
−16
−12
dBm
Image Rejection
Full
IV
−46.5
−33
dBc
Full-Scale Input Power
V
4
dBm
Input Impedance
V
159.3 − j66.9
Ω
f = 250 MHz
Coarse DC Correction
V
−70
dB
Noise Figure2
V
10
dB
Input IP22
Full
VII
24
33
dBm
Input IP32
Full
VII
−16
−13
dBm
Image Rejection
Full
VII
−45
−33
dBc
Full-Scale Input Power
V
4
dBm
Input Impedance
V
137.1 − j72.7
Ω
1 See Figure 40 and Figure 41 for additional PSRR specifications.
2 This measurement applies for maximum gain (36 dB).
DIGITAL SPECIFICATIONS
AVDD and DVDD = 3.3 V, CLK = 52 MSPS, unless otherwise noted.
Table 2.
Parameter
Temp
Test Level
Min
Typ
Max
Unit
DVDD
Full
IV
3.0
3.3
3.45
V
AVDD
Full
IV
3.0
3.3
3.45
V
TAMBIENT1
IV
−25
+25
+85
°C
1 The AD6650 is guaranteed fully functional from −40°C to +85°C. All ac minimum specifications are guaranteed from −25°C to +85°C, but degrade slightly from −25°C
to −40°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com