Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6650BBC Datasheet(PDF) 28 Page - Analog Devices

Part # AD6650BBC
Description  GSM/EDGE Narrow-Band Receiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650BBC Datasheet(HTML) 28 Page - Analog Devices

Back Button AD6650BBC Datasheet HTML 24Page - Analog Devices AD6650BBC Datasheet HTML 25Page - Analog Devices AD6650BBC Datasheet HTML 26Page - Analog Devices AD6650BBC Datasheet HTML 27Page - Analog Devices AD6650BBC Datasheet HTML 28Page - Analog Devices AD6650BBC Datasheet HTML 29Page - Analog Devices AD6650BBC Datasheet HTML 30Page - Analog Devices AD6650BBC Datasheet HTML 31Page - Analog Devices AD6650BBC Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
AD6650
Rev. A | Page 27 of 44
Another option is to ac-couple a differential ECL/PECL signal
to the encode input pins as shown in Figure 37. A device that
offers excellent jitter performance is the MC100EL16 (or a
device from the same family) from Motorola.
CLK
CLK
AD6650
VT
VT
0.1µF
0.1µF
ECL/
PECL
Figure 37. Differential ECL for Encode
DRIVING THE ANALOG INPUTS
As with most new high speed, high dynamic range devices, the
analog input to the AD6650 is differential. Differential inputs
allow much improvement in performance on-chip because signals
are processed through attenuation and gain stages. Most of the
improvement is a result of differential analog stages that have
high rejection of even-order harmonics. Differential inputs are
also beneficial at the PCB level. First, differential inputs have
high common-mode rejection of stray signals, such as ground
and power noise, and good rejection of common-mode signals,
such as local oscillator feedthrough.
The AD6650 analog input voltage range is offset from ground
by 1.3 V. The resistor network on the input properly biases the
followers for maximum linearity and range. Therefore, the
analog source driving the AD6650 should be ac-coupled to the
input pins. The input resistance for the AD6650 is 200 Ω, and
the input voltage range is 2 V p-p differential. This equates to
4 dBm full-scale input power. The recommended method for
driving the analog input of the AD6650 is to use an RF balun.
J101
C101
47000pF
R101
68.9Ω
C102
47000pF
C103
47000pF
AIN/BIN
T101
T102
1
3
1
3
5
4
5
4
AIN/BIN
Figure 38. Balun-Coupled Analog Input Circuit
EXTERNAL REFERENCE
The reference should be connected as shown in Figure 39 to
achieve the results specified in this data sheet.
AIN/BIN
AIN/BIN
VREF
VREF
REFGND
SELECT
LOGIC
REF
AMP
CHANNEL A/
CHANNEL B
ADC
CORE
REFT
REFB
0.5V
0.1µF
0.1µF
0.1µF
0.1µF
10µF
10µF
RINT
RINT
Figure 39. Reference Connection
POWER SUPPLIES
Care should be taken when selecting a power source. Linear
supplies are strongly recommended. Switching supplies tend to
have radiated components that may be received by the AD6650.
Each of the power supply pins should be decoupled as closely to
the package as possible using 0.1 μF chip capacitors.
The AD6650 is susceptible to low frequency power supply
interference as shown in Figure 40. This low frequency energy is
translated into spurious tones in the output signal. Analog
power supply ripple couples into the LO through the VCO. This
can be observed from the ripple frequency vs
. sideband spur
level plot (
see Figure 40). Note that this plot has the spur level
referenced to 1 mV rms supply ripple and is referred to the LO.
Thus, this plot shows a transfer function rather than an absolute
value. The spurious level can be extrapolated to any supply
ripple level from this data using Equation 22.
))
mV
(
log(
20
_
_
mV
1
SupRipple
Lev
Spur
Lev
Spur
×
=
(22)
where:
Spur_Lev is the output spurious level relative to the LO.
Spur_Lev1 mV is the 1 mV referred level from Figure 40 and
Figure 41.
SupRipple (mV) is the RMS ripple on the AVDD power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com