Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9874 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9874
Description  IF Digitizing Subsystem
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9874 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9874 Datasheet HTML 9Page - Analog Devices AD9874 Datasheet HTML 10Page - Analog Devices AD9874 Datasheet HTML 11Page - Analog Devices AD9874 Datasheet HTML 12Page - Analog Devices AD9874 Datasheet HTML 13Page - Analog Devices AD9874 Datasheet HTML 14Page - Analog Devices AD9874 Datasheet HTML 15Page - Analog Devices AD9874 Datasheet HTML 16Page - Analog Devices AD9874 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
REV. A
AD9874
–12–
FREQUENCY – MHz
13
0
6
12
11
10
9
8
7
50
500
100 150 200 250 300 350 400 450
24-BIT
16-BIT w/DVGA
TPC 13a. Noise Figure vs. Frequency
(Minimum Attenuation, fCLK = 18 MSPS,
BW = 10 kHz, High Bias)
FREQUENCY – MHz
13
0
6
12
11
10
9
8
7
50
500
100 150 200 250 300 350 400 450
24-BIT
16-BIT w/DVGA
TPC 14a. Noise Figure vs. Frequency
(Minimum Attenuation, fCLK = 26 MSPS,
BW = 24 kHz, High Bias)
INTERFERER LEVEL – dBm
20.0
–55
8.0
18.5
15.5
12.5
11.0
9.5
–5
–10
NOISE FIGURE
AGC
17.0
14.0
–15
–20
–25
–30
–35
–40
–45
–50
128
0
112
80
48
32
16
96
64
TPC 15a. Noise Figure vs. Interferer
Level (16-Bit Data, BW = 12.5 kHz,
AGCR = 1, fINTERFERER = fIF + 110 kHz)
FREQUENCY – MHz
13
0
6
12
11
10
9
8
7
50
500
100 150 200 250 300 350 400 450
24-BIT
16-BIT w/DVGA
TPC 13b. Noise Figure vs. Frequency
(Minimum Attenuation, fCLK = 18 MSPS,
BW = 10 kHz, Low Bias)
FREQUENCY – MHz
13
0
6
12
11
10
9
8
7
50
500
100 150 200 250 300 350 400 450
24-BIT
16-BIT w/DVGA
TPC 14b. Noise Figure vs. Frequency
(Minimum Attenuation, fCLK = 26 MSPS,
BW = 24 kHz, Low Bias)
INTERFERER LEVEL – dBm
16
–50
8
15
13
11
10
9
–10
–15
NOISE FIGURE
AGC ATTN
14
12
–20
–25
–30
–35
–40
–45
256
0
224
160
96
64
32
192
128
TPC 15b. Noise Figure vs. Interferer
Level (16-Bit Data with DVGA, BW =
12.5 kHz, AGCR = 1, fINTERFERER =
fIF + 110 kHz)
FREQUENCY – MHz
4
0
–10
2
0
–2
–4
–6
–8
50
500
100 150 200 250 300 350 400 450
LOW BIAS
HIGH BIAS
TPC 13c. Input IP3 vs. Frequency
(fCLK = 18 MSPS)
FREQUENCY – MHz
2
0
–10
0
–2
–4
–6
–8
50
500
100 150 200 250 300 350 400 450
LOW BIAS
HIGH BIAS
TPC 14c. Input IP3 vs. Frequency
(fCLK = 26 MSPS)
INTERFERER LEVEL – dBm
16
–65
8
15
13
11
10
9
–5
–15
NOISE FIGURE
AGC ATTN
14
12
–25
–35
–45
–55
128
0
32
96
64
TPC 15c. Noise Figure vs. Interferer
Level (24-Bit Data, BW = 12.5 kHz,
AGCR = 1, fINTERFERER = fIF + 110 kHz)
(VDDI = VDDF = VDDA = VDDC = VDDL = VDDD = VDDH = VDDx, VDDQ = VDDP = 5.0 V,
fCLK = 18 MSPS, fIF = 109.56 MHz, fLO = 107.4 MHz,
TA = 25 C, LO = –5 dBm, LO and CLK Synthesizer Disabled, 16-Bit Data with AGC and DVGA enabled, unless otherwise noted.)
1
1Data taken with Toko FSLM series 10
µH inductors.
2High Bias corresponds to LNA_Mixer Setting of 33 in SPI Register 0x01.
3Low Bias corresponds to LNA_Mixer Setting of 12 in SPI Register 0x01.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com