Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9874 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9874
Description  IF Digitizing Subsystem
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9874 Datasheet(HTML) 2 Page - Analog Devices

  AD9874 Datasheet HTML 1Page - Analog Devices AD9874 Datasheet HTML 2Page - Analog Devices AD9874 Datasheet HTML 3Page - Analog Devices AD9874 Datasheet HTML 4Page - Analog Devices AD9874 Datasheet HTML 5Page - Analog Devices AD9874 Datasheet HTML 6Page - Analog Devices AD9874 Datasheet HTML 7Page - Analog Devices AD9874 Datasheet HTML 8Page - Analog Devices AD9874 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
AD9874* PRODUCT PAGE QUICK LINKS
Last Content Update: 02/23/2017
COMPARABLE PARTS
View a parametric search of comparable parts.
EVALUATION KITS
• Evaluation Board for AD9864 and AD9874
DOCUMENTATION
Data Sheet
• AD9874: IF Digitizing Subsystem Data Sheet
REFERENCE MATERIALS
Technical Articles
• Low-Power IC Digitizes 300 MHz IF
• MS-2210: Designing Power Supplies for High Speed ADC
• MS-2735: Maximizing the Dynamic Range of Software-
Defined Radio
DESIGN RESOURCES
• AD9874 Material Declaration
• PCN-PDN Information
• Quality And Reliability
• Symbols and Footprints
DISCUSSIONS
View all AD9874 EngineerZone Discussions.
SAMPLE AND BUY
Visit the product page to see pricing options.
TECHNICAL SUPPORT
Submit a technical question or find your regional support
number.
DOCUMENT FEEDBACK
Submit feedback for this data sheet.
This page is dynamically generated by Analog Devices, Inc., and inserted into this data sheet. A dynamic change to the content on this page will not
trigger a change to either the revision number or the content of the product data sheet. This dynamic page may be frequently modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com