Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9874ABST Datasheet(PDF) 39 Page - Analog Devices

Part # AD9874ABST
Description  IF Digitizing Subsystem
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9874ABST Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9874ABST Datasheet HTML 33Page - Analog Devices AD9874ABST Datasheet HTML 34Page - Analog Devices AD9874ABST Datasheet HTML 35Page - Analog Devices AD9874ABST Datasheet HTML 36Page - Analog Devices AD9874ABST Datasheet HTML 37Page - Analog Devices AD9874ABST Datasheet HTML 38Page - Analog Devices AD9874ABST Datasheet HTML 39Page - Analog Devices AD9874ABST Datasheet HTML 40Page - Analog Devices AD9874ABST Datasheet HTML 41Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
REV. A
AD9874
–38–
results in a
6dB adjustment of the clip point, allowing the clip
point difference to be calibrated to exactly 24 dB, so that a
simple 5-bit shift would make up the gain difference. The
attenuated path can handle signal levels up to –12 dB at the
antenna before being overdriven. Since the SAW filters provide
sufficient blocker suppression, the digital data from this path
need only be selected when the target signal exceeds –36 dBm.
Although the sensitivity of the receiver with the attenuated path
is 20 dB lower than the direct path, the strong target signal
ensures a sufficiently high carrier-to-noise ratio.
Since GSM is based on a TDMA scheme, digital data (or path)
selection can occur on a slot-by-slot basis. The AD9874 would
be configured to provide Serial I and Q data at a frame rate of
541.67 kSPS, as well as additional information including a 2-bit
reset field and a 6-bit RSSI field. These two fields contain the
information needed to decide whether the direct or attenuated
path should be used for the current time slot.
Hung Mixer Mode
The AD9874 can be operated in the hung mixer mode by tying
one of the LO’s self-biasing inputs to ground (i.e., GNDI) or
the positive supply (VDDI). In this mode, the AD9874 acts as a
narrow-band, band-pass
-
ADC, since its mixer passes the
IFIN signal without any frequency translation. The IFIN signal
must be centered about the resonant frequency of the - ADC
(i.e., fCLK/8) and the clock rate, fCLK, and decimation factors
must be selected to accommodate the bandwidth of the desired
input signal. Note that the LO synthesizer can be disabled
because it is no longer required.
Since the mixer does not have any losses associated with the
mixing operation, the conversion gain through the LNA and
mixer is higher resulting in a nominal input clip point of
–24 dBm. The linearity or IIP3 performance of the LNA and
mixer remains roughly unchanged and similar to that shown
in Figure 11b. The SNR performance is dependent of the
VGA attenuation setting, I/Q data resolution, and output
bandwidth as shown in Figure 30. Applications requiring the
highest instantaneous dynamic range should set the VGA for
maximum attenuation. Also, several extra decibels in SNR
performance can be gained at lower signal bandwidths by
using 24-bit I/Q data.
0
105
95
BW – kHz
85
80
80
120
140
160
40
20
60
100
100
90
MIN ATTEN w/
24-BIT I/Q DATA
MAX ATTEN w/
16-BIT I/Q DATA
MIN ATTEN w/
16-BIT I/Q DATA
MAX ATTEN w/
24-BIT I/Q DATA
fCLK = 18MSPS
Figure 30. Hung Mixer SNR vs. BW and VGA
LAYOUT EXAMPLE, EVALUATION BOARD, AND
SOFTWARE
The evaluation board and its accompanying software provide
a simple way to evaluate the AD9874. The block diagram in
Figure 31 shows the major blocks of the evaluation board,
which is designed to be flexible, allowing configuration for
different applications.
The power supply distribution block provides filtered, adjustable
voltages to the various supply pins of the AD9874. In the IF
input signal path, component pads are available to implement
different IF impedance matching networks. The LO and CLK
signals can be externally applied or internally derived from a
user-supplied VCO module interface daughter board. The refer-
ence for the on-chip LO and CLK synthesizers can be applied
via the external fREF input or an on-board crystal oscillator.
The evaluation board is designed to interface to a PC via a
National Instruments NI 6533 digital IO card. An XILINX
FPGA formats the data between the AD9874 and digital
I/O card.
MIXER
OUTPUT
DUT
IF
INPUT
LO
INPUT
VCO
MODULE
INTERFACE
CRYSTAL
OSCILLATOR
(OPTIONAL)
IDT
FIFO
(OPTIONAL)
POWER SUPPLY
DISTRIBUTION
EPROM
CLK
INPUT
FREF
INPUT
XILINX
SPARTON
FPGA
AD9874
Figure 31. Evaluation Board Platform
Software developed using National Instruments’ LabVIEW™
(and provided as Microsoft
® Windows® executable programs)
is supplied for the configuration of the SPI port registers and
evaluation of the AD9874 output data. These programs have
a convenient graphical user interface that allows for easy access
to the various SPI port configuration registers and real-time
frequency analysis of the output data.
For more information on the AD9874 evaluation board, includ-
ing an example layout, please refer to the EVAL-AD9874EB
Data Sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com