Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9874ABST Datasheet(PDF) 20 Page - Analog Devices

Part # AD9874ABST
Description  IF Digitizing Subsystem
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9874ABST Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9874ABST Datasheet HTML 16Page - Analog Devices AD9874ABST Datasheet HTML 17Page - Analog Devices AD9874ABST Datasheet HTML 18Page - Analog Devices AD9874ABST Datasheet HTML 19Page - Analog Devices AD9874ABST Datasheet HTML 20Page - Analog Devices AD9874ABST Datasheet HTML 21Page - Analog Devices AD9874ABST Datasheet HTML 22Page - Analog Devices AD9874ABST Datasheet HTML 23Page - Analog Devices AD9874ABST Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
REV. A
AD9874
–19–
AD9874
CLKOUT
RSCLK
PC
SCK
PE
SEL
PD
MOSI
DOUTB
MISO
FS
RFS
DOUTA
DR
SPI
SSI
ADSP-2153x
SERIAL
PORT
SPI-PORT
Figure 4b. Example of AD9874 and ADSP-2153x Interface
As shown in Figure 4b, AD9874’s synchronous serial interface
(SSI) links the receive data stream to the DSP’s Serial Port
(SPORT). For AD9874 setup and register programming, the
device connects directly to ADSP-2153x’s SPI port. Dedicated
select lines (SEL) allow the ADSP-2153x to program and read
back registers of multiple devices using only one SPI port. The
DSP driver code pertaining to this interface is available on the
AD9874 web page (http://www.analog.com/Analog_Root/
static/techSupport/designTools/evaluationBoards/
ad9874blackfinInterfacing.html).
POWER CONTROL
To allow power consumption to be minimized, the AD9874
possesses numerous SPI programmable power-down and bias
control bits. The AD9874 powers up with all of its functional
blocks placed into a standby state (i.e., STBY register default is
0xFF). Each major block may then be powered up by writing
a0 to the appropriate bit of the STBY register. This scheme
provides the greatest flexibility for configuring the IC to a spe-
cific application as well as for tailoring the IC’s power-down and
wake-up characteristics. Table VI summarizes the function of
each of the STBY bits. Note that when all the blocks are in
standby, the master reference circuit is also put into standby,
and thus the current is reduced by a further 0.4 mA.
Table VI. Standby Control Bits
Current
STBY
Reduction Wake-Up
Bit
Effect
(mA)
1
Time (ms)
7:REF
Voltage reference OFF;
0.6
<0.1 (CREF
all biasing shut down.
= 4.7 nF)
6:LO
LO synthesizer OFF,
1.2
Note 2
IOUTL three-state.
5:CKO
Clock Oscillator OFF.
1.1
Note 2
4:CK
Clock synthesizer OFF,
1.3
Note 2
IOUTC three-state. Clock
buffer OFF if ADC is OFF.
3:GC
Gain control DAC OFF.
0.2
Depends
GCP and GCN three-state.
on CGC
2:LNAMX LNA and Mixer OFF. CXVM, 8.2
<2.2
CXVL, and CXIF three-state.
1:Unused
0:ADC
ADC OFF; Clock Buffer OFF 9.2
<0.1
if CLK synthesizer OFF; VCM
three-state; Clock to the digital
filter halted; Digital outputs
static.
NOTES
1When all blocks are in standby, the master reference circuit is also put into
standby, and thus the current is further reduced by 0.4 mA.
2Wake-up time is dependent on programming and/or external components.
The AD9874 also allows control over the bias current in the LNA,
mixer, and clock oscillator. The effects on current consumption
and system performance are described in the section dealing
with the affected block.
LO SYNTHESIZER
The LO Synthesizer shown in Figure 5 is a fully programmable
PLL capable of 6.25 kHz resolution at input frequencies up to
300 MHz and reference clocks of up to 25 MHz. It consists of a
low noise digital phase-frequency detector (PFD), a variable
output current charge pump (CP), a 14-bit reference divider,
programmable A and B counters, and a dual-modulus 8/9 pres-
caler. The A (3-bit) and B (13-bit) counters, in conjunction
with the dual 8/9 modulus prescaler, implement an N divider
with N = 8
B + A. In addition, the 14-bit reference counter
(R Counter) allows selectable input reference frequencies, fREF,
at the PFD input. A complete PLL (phase-locked loop) can be
implemented if the synthesizer is used with an external loop
filter and VCO (voltage controlled oscillator).
The A, B, and R counters can be programmed via the following
registers: LOA, LOB, and LOR. The charge pump output cur-
rent is programmable via the LOI register from 0.625 mA to
5.0 mA using the equation
IPUMP
LOI
mA
=+ ×
()
.
10 625
(2)
An on-chip fast acquire function (enabled by the LOF bit)
automatically increases the output current for faster settling
during channel changes. The synthesizer may also be disabled
using the LO standby bit located in the STBY register.
FAST
ACQUIRE
8/9
A, B
COUNTERS
LO
BUFFER
LOA, LOB
f
LO
FROM
VCO
REF
BUFFER
f
REF
LOR
R
f
REF
PHASE/
FREQUENCY
DETECTOR
TO EXTERNAL
LOOP
FILTER
f
LO
CHARGE
PUMP
Figure 5. LO Synthesizer
The LO (and CLK) synthesizer works in the following manner.
The externally supplied reference frequency, fREF, is buffered
and divided by the value held in the R counter. The internal
fREF is then compared to a divided version of the VCO fre-
quency, fLO. The phase/frequency detector provides UP and
DOWN pulses whose widths vary, depending upon the differ-
ence in phase and frequency of the detector’s input signals. The
UP/DOWN pulses control the charge pump, making current
available to charge the external low-pass loop filter when there is
a discrepancy between the inputs of the PFD. The output of the
low-pass filter feeds an external VCO whose output frequency,
fLO, is driven such that its divided down version, fLO, matches
that of fREF, thus closing the feedback loop.
The synthesized frequency is related to the reference frequency
and the LO register contents as follows:
f
LOB
LOA
LOR
f
LO
REF
=×
+
×
() /
8
(3)
Note that the minimum allowable value in the LOB register is 3
and its value must always be greater than that loaded into LOA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com