Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF9010 Datasheet(PDF) 13 Page - Analog Devices

Part # ADF9010
Description  900 MHz ISM Band Analog RF Front End
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF9010 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF9010 Datasheet HTML 9Page - Analog Devices ADF9010 Datasheet HTML 10Page - Analog Devices ADF9010 Datasheet HTML 11Page - Analog Devices ADF9010 Datasheet HTML 12Page - Analog Devices ADF9010 Datasheet HTML 13Page - Analog Devices ADF9010 Datasheet HTML 14Page - Analog Devices ADF9010 Datasheet HTML 15Page - Analog Devices ADF9010 Datasheet HTML 16Page - Analog Devices ADF9010 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
ADF9010
Rev. 0 | Page 12 of 28
CIRCUIT DESCRIPTION
Rx SECTION
DC OFFSET
CORRECTION
RxBBIP
RxBBIN
RxINIP
RxININ
PGA
SETTING
OVF
Figure 12. Rx Filter
The Rx section of the ADF9010 features programmable base-
band low-pass filters. These are used to amplify the desired Rx
signal from the demodulator while removing the unwanted
portion to ensure no antialiasing occurs in the Rx ADC.
These filters have a programmable gain stage, allowing gain to
be selected from 3 dB to 24 dB in steps of 3 dB. The bandwidth
of these filters is also programmable, allowing 3 dB cutoff fre-
quencies of 330 kHz, 880 kHz, and 1.76 MHz, along with a
bypass mode. The filters utilize a fourth-order Bessel transfer
function (see the Specifications section for more information).
If desired, the filter stage can be bypassed.
Additionally, a rising edge on the OVF pin reduces the gain of
the Rx amplifiers by 6 dB. This is to correct a potential overflow
of the input to the ADC.
Updating the Rx calibration latch with the calibration bit
enabled calibrates the filter to remove any dc offset. The
3 dB cutoff frequency (fC) of the filters is calibrated also.
LO SECTION
LO Reference Input Section
The LO input stage is shown in Figure 13. SW1 and SW2
are normally closed switches; SW3 is normally open. When
power-down is initiated, SW3 is closed and SW1 and SW2 are
opened. This ensures that there is no loading of the REFIN pin
on power-down.
TO R COUNTER
REFIN
100kΩ
NC
SW2
SW3
NO
NC
SW1
POWER-DOWN
CONTROL
BUFFER
Figure 13. Reference Input Stage
R COUNTER
The 14-bit R counter allows the input clock frequency to be
divided down to produce the input clock to the phase frequency
detector (PFD). Division ratios from 1 to 8191 are allowed.
A AND B COUNTERS
The A and B CMOS counters combine with the dual modulus
prescaler to allow a wide range of division ratios in the PLL
feedback counter. The counters are specified to work when
the prescaler output is 300 MHz or less.
Pulse Swallow Function
The A and B counters, in conjunction with the dual-modulus
prescaler (see Figure 14), make it possible to generate large
divider ratios. The equation for N is as follows:
N = BP + A
where:
N is the overall divider ratio of the signal from the external
RF input.
P is the preset modulus of the dual-modulus prescaler.
B is the preset divide ratio of the binary 13-bit counter (3 to 8191).
A is the preset divide ratio of the binary 5-bit swallow counter
(0 to 31).
LOAD
LOAD
FROM RF
INPUT STAGE
PRESCALER
P/P + 1
13-BIT B
COUNTER
6-BIT A
COUNTER
TO PFD
N DIVIDER
MODULUS
CONTROL
N= BP + A
Figure 14. A and B Counters
Prescaler (P/P + 1)
The dual-modulus prescaler (P/P + 1), along with the A and
B counters, enables the large division ratio, N, to be realized
(N = BP + A). The dual-modulus prescaler, operating at CML
levels, takes the clock from the RF input stage and divides it down
to a manageable frequency for the A and B CMOS counters.
The prescaler is programmable. The prescaler can be set in
software to 8/9, 16/17, or 32/33. For the ADF9010, however,
the 16/17 and 32/33 settings should be used. It is based on a
synchronous 4/5 core. A minimum divide ratio is possible for
fully contiguous output frequencies. This minimum is deter-
mined by P, the prescaler value, and is given by (P2 − P).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com