Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF9010 Datasheet(PDF) 21 Page - Analog Devices

Part # ADF9010
Description  900 MHz ISM Band Analog RF Front End
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF9010 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADF9010 Datasheet HTML 17Page - Analog Devices ADF9010 Datasheet HTML 18Page - Analog Devices ADF9010 Datasheet HTML 19Page - Analog Devices ADF9010 Datasheet HTML 20Page - Analog Devices ADF9010 Datasheet HTML 21Page - Analog Devices ADF9010 Datasheet HTML 22Page - Analog Devices ADF9010 Datasheet HTML 23Page - Analog Devices ADF9010 Datasheet HTML 24Page - Analog Devices ADF9010 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
ADF9010
Rev. 0 | Page 20 of 28
G2
G3
BW2
T1
T15
T16
T7
T8
T12
T13
T14
HP
T10
T11
T6
T5
T4
T2
T3
Rx FILTER
GAIN STEPS
G1
T9
Rx FILTER
BANDWIDTH
BW1
TEST MODES
DB2
DB1
DB0
DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB21
DB22
DB23
C2 (1) C1 (1)
CONTROL
BITS
G3
G2
G1
FILTER GAIN
00
0
3dB
00
1
6dB
01
0
9dB
0
1
1
12dB
1
0
0
15dB
1
0
1
18dB
1
1
0
21dB
1
1
1
24dB
HP
HPF BOOST
0
DISABLED
1
ENABLED
BW2
BW1
Rx FILTER BANDWIDTH
00
LOW
01
1MHz
10
2MHz
1
1
BYPASSED
THESE BITS ARE USED FOR FACTORY
TESTING AND SHOULD NOT BE
PROGRAMMED BY THE USER.
THEY SHOULD BE SET TO 0.
Figure 26. Rx Latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com