Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS1AF-18V Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # JS1AF-18V
Description  ULTRA-MINIATURE PC BOARD TYPE POWER RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

JS1AF-18V Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  JS1AF-18V Datasheet HTML 1Page - Nais(Matsushita Electric Works) JS1AF-18V Datasheet HTML 2Page - Nais(Matsushita Electric Works) JS1AF-18V Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
JS
78
4-(1). Coil temperature rise
Sample: 5 pcs., JS1a-24V
Measured portion: Inside the coil
Contact current: 5 A
4-(2). Coil temperature rise
Sample: 5 pcs., JS1a-24V
Measured portion: Inside the coil
Contact current: 10 A
5. Ambient temperature characteristics
Sample: 6 pcs., JS1-12V
100
140
120
160
10
20
30
40
50
60
0
Coil applied voltage, %V
85
°C
70
°C
26
°C
100
140
120
160
10
20
30
40
50
60
0
Coil applied voltage, %V
85
°C
70
°C
26
°C
–60 –40 –20 0
20
20
10
–10
–20
40 60 80
Ambient
temperature
°C
Pick-up voltage
Drop-out voltage
6. Electrical life test
(10 A 125 V AC, resistive load)
Sample: 6 pcs., JS1-12V
Operating speed: 20 cpm
Ambient temperature: room temperature
(Circuit)
Change of pick-up and drop-out voltage
Change of contact resistance
10A 125V AC
Contact welding
detection and
Mis-contacting
detection circuit
x
–
510
0
2
4
6
8
10
Max.
Max.
Min.
Min.
x
–
No. of operations,
×104
Pick-up voltage
Drop-out voltage
10
5
0
60
20
40
80
100
Max.
Max.
Min.
Min.
x
–x–
No. of operations,
×104
Contact on the N.C. side
Contact on the N.O. side
For Cautions for Use, see Relay Technical Information (Page 11 to 39).
REFERENCE DATA
1. Maximum value for switching capacity
2. Operate/release time
Sample: 25 pcs., JS1-12V
3. Life curve
Ambient temperature: Room temperature
Contact voltage, V
10
30
1
10
100
100
AC resistive load
DC resistive load
–
–
80
100
120
140
2
0
4
6
8
10
Max.
Max.
Min.
Min.
x
x
Coil applied voltage, %V
Operate time
Release time
100
10
1
567
8
9
0
1
234
10
125V AC resistive load
Contact current, A
12/27/2002
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.
Go To Online Catalog



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com