Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS1AF-18V Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # JS1AF-18V
Description  ULTRA-MINIATURE PC BOARD TYPE POWER RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

JS1AF-18V Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  JS1AF-18V Datasheet HTML 1Page - Nais(Matsushita Electric Works) JS1AF-18V Datasheet HTML 2Page - Nais(Matsushita Electric Works) JS1AF-18V Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
76
JS RELAYS
VDE
ULTRA-MINIATURE
PC BOARD TYPE
POWER RELAY
mm inch
16
.630
16
.630
22
.866
FEATURES
• Ultra-miniature size with universal terminal footprint
• High contact capacity: 10 A
• Class B coil insulation type available
• TV-5 type available
1 Form A type
→ TV-5
1 Form C type
→ TV-5 (N.O. side only)
• VDE, TÜV also approved
• Sealed construction for automatic cleaning
SPECIFICATIONS
Contact
Coil
Characteristics
Arrangement
1 Form A, 1 Form C
Initial contact resistance, max.
(By voltage drop 6 V DC 1 A)
100 m
Ω
Contact material
Silver alloy
Rating
(resistive
load)
Nominal switching capacity
10 A 250 V AC
10 A 125 V AC
6 A 277 V AC
Max. switching power
2,500 VA
Max. switching voltage
250 V AC, 100 V DC
Max. switching current
10 A (AC), 5 A (DC)
Expected
life
(min.ope.)
Mechanical (at 180 cpm)
107
Electrical at 10 A 125 V AC,
6 A 277 V AC resistive
(at 20 cpm)
105
10 A 250 V AC resistive
(at 20 cpm)
5
× 104
(No contact only)
Nominal operating power
360 mW
Max. operating speed
20 cpm
Initial insulation resistance
Min. 100 M
Ω (at 500 V DC)
Initial
breakdown
voltage*1
Between open contacts
750 Vrms for 1 min.
Between contacts and coil
1,500 Vrms for 1 min.
Operate time*2
(at nominal voltage)
Approx. 10 ms
Release time(without diode)*2 (at nominal
voltage)
Approx. 10 ms
Temperature rise (at nominal voltage)
Max. 35
°C
Shock resistance
Functional*3
Min. 98 m/s2 {10 G}
Destructive*4
Min. 980 m/s2 {100 G}
Vibration
resistance
Functional*5
Approx. 98 m/s2 {10 G},
10 to 55 Hz at double
amplitude of 1.6 mm
Destructive
Approx. 117.6 m/s2 {12 G},
10 to 55 Hz at double
amplitude of 2 mm
Conditions for operation,
transport and storage*6
(Not freezing and condens-
ing at low temperature)
Ambient
temp.*7
–40
°C to +85°C
–40
°F to +185°F
Humidity
5 to 85% R.H.
Unit weight
Approx.12 g .423 oz
Remarks
* Specifications will vary with foreign standards certification ratings.
*1 Detection current: 10mA
*2 Excluding contact bounce time
*3 Half-wave pulse of sine wave: 11ms; detection time: 10
µs
*4 Half-wave pulse of sine wave: 6ms
*5 Detection time: 10
µs
*6 Refer to 5. Conditions for operation, transport and storage mentioned in
AMBIENT ENVIRONMENT (Page 24).
*7 When using relays in a high ambient temperature, consider the pick-up voltage
rise due to the high temperature (a rise of approx. 0.4% V for each 1°C 33.8°F
with 20°C 68°F as a reference) and use a coil impressed voltage that is within the
maximum allowable voltage range.
TYPICAL APPLICATIONS
1. Home appliances
Air conditioner, heater, etc.
2. Automotive
Power-window, car antenna, door-lock,
etc.
3. Office machines
PPC, facsimile, etc.
4. Vending machines


Similar Part No. - JS1AF-18V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JS1AF-18V-F PANASONIC-JS1AF-18V-F Datasheet
69Kb / 4P
1a/1c 10A cubic type power relays Surge voltage 6 kV type also available
JS1aF-18V-F PANASONIC-JS1aF-18V-F Datasheet
69Kb / 4P
1a/1c 10A cubic type power relays
JS1AF-18V-F PANASONIC-JS1AF-18V-F Datasheet
74Kb / 4P
1a/1c 10A cubic type power relays
More results

Similar Description - JS1AF-18V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ941 ETC-AZ941 Datasheet
54Kb / 2P
MINIATURE PC BOARD RELAY
WJ107 ETC1-WJ107 Datasheet
96Kb / 2P
ULTRA-MINIATURE PC BOARD TYPE POWER RELAY
AZ8 ETC1-AZ8 Datasheet
161Kb / 4P
MINIATURE PC BOARD RELAY
logo
Tyco Electronics
OMIH-SH-124L MACOM-OMIH-SH-124L Datasheet
117Kb / 2P
16A Miniature Power PC Board Relay
OMIF-S-124LM MACOM-OMIF-S-124LM Datasheet
166Kb / 2P
20A Miniature Power PC Board Relay
OMIT-SS-112LM MACOM-OMIT-SS-112LM Datasheet
130Kb / 2P
10A Miniature Power PC Board Relay
logo
American Zettler, Inc.
AZ8 AZETTLER-AZ8 Datasheet
158Kb / 4P
MINIATURE PC BOARD RELAY
AZ941 AZETTLER-AZ941 Datasheet
70Kb / 2P
MINIATURE PC BOARD RELAY
AZ946 AZETTLER-AZ946 Datasheet
95Kb / 2P
MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ941 ZETTLER-AZ941 Datasheet
103Kb / 2P
MINIATURE PC BOARD RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com