Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75813T-E Datasheet(PDF) 12 Page - ON Semiconductor

Part # LC75813T-E
Description  Duty General-Purpose LCD Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75813T-E Datasheet(HTML) 12 Page - ON Semiconductor

Back Button LC75813T-E Datasheet HTML 8Page - ON Semiconductor LC75813T-E Datasheet HTML 9Page - ON Semiconductor LC75813T-E Datasheet HTML 10Page - ON Semiconductor LC75813T-E Datasheet HTML 11Page - ON Semiconductor LC75813T-E Datasheet HTML 12Page - ON Semiconductor LC75813T-E Datasheet HTML 13Page - ON Semiconductor LC75813T-E Datasheet HTML 14Page - ON Semiconductor LC75813T-E Datasheet HTML 15Page - ON Semiconductor LC75813T-E Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
6. BU: Normal mode/power-saving mode control data
This control data bit selects either normal mode or power-saving mode.
5. SC: Segments on/off control data
This control data bit controls the on/off state of the segments.
However, note that when the segments are turned off by setting SC to 1, the segments are turned off by outputting
segment off waveforms from the segment output pins.
Page 12
LC75813E, 75813T
SC
Display state
0
On
1
Off
BU
Mode
0
Normal mode
Power saving mode (The OSC pin oscillator is stopped, and the common and segment output pins go to the VSS level. However,
1
the S1/P1 to S8/P8 output pins that are set to be general-purpose output ports by the control data P0 to P3 can be used as
general-purpose output ports.)
4. FC: Common and segment output waveforms frame frequency setting control data
This control data bit sets the frame frequency for common and segment output waveforms.
FC
Frame frequency f0 [Hz]
0
1
fosc
———
384
fosc
———
192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com