Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75813T-E Datasheet(PDF) 20 Page - ON Semiconductor

Part # LC75813T-E
Description  Duty General-Purpose LCD Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75813T-E Datasheet(HTML) 20 Page - ON Semiconductor

Back Button LC75813T-E Datasheet HTML 16Page - ON Semiconductor LC75813T-E Datasheet HTML 17Page - ON Semiconductor LC75813T-E Datasheet HTML 18Page - ON Semiconductor LC75813T-E Datasheet HTML 19Page - ON Semiconductor LC75813T-E Datasheet HTML 20Page - ON Semiconductor LC75813T-E Datasheet HTML 21Page - ON Semiconductor LC75813T-E Datasheet HTML 22Page - ON Semiconductor LC75813T-E Datasheet HTML 23Page - ON Semiconductor LC75813T-E Datasheet HTML 24Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Figure 3
Page 20
LC75813E, 75813T
t1
Display and control data transfer
VDD
t2
D1 to D87
P0 to P3
Internal data
DR, DT, FC, SC, BU
Internal data (D88 to D174)
Internal data (D175 to D261)
Notes:
t1
≥ 0
t2 > 0
t3
≥ 0 (t2 > t3)
tc .......10
µs min.
VLCD
CE
Undefined
Undefined
Defined
Undefined
Undefined
Defined
Undefined
Undefined
Defined
INH
VIL
tc
VIL
t3
The INH pin and Display Control
Since the IC internal data (1/3 duty: the display data D1 to D261 and the control data, 1/4 duty: the display data D1 to
D344 and the control data) is undefined when power is first applied, applications should set the INH pin low at the same
time as power is applied to turn off the display (This sets the S1/P1 to S8/P8, S9 to S86, COM1 to COM3, and
COM4/S87 to the VSS level.) and during this period send serial data from the controller. The controller should then set
the INH pin high after the data transfer has completed. This procedure prevents meaningless displays at power on. (See
Figures 3 and 4.)
Notes on the Power On/Off Sequences
Applications should observe the following sequences when turning the LC75813E and LC75813T power on and off.
• At power on: Logic block power supply (VDD) on → LCD driver block power supply (VLCD) on
• At power off: LCD driver block power supply (VLCD) off → Logic block power supply (VDD) off
However, if the logic and LCD driver block use a shared power supply, then the power supplies can be turned on and off
at the same time.
1. 1/3 duty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com