Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFF450AS45 Datasheet(PDF) 1 Page - Power Semiconductors

Part # AFF450AS45
Description  FAST RECOVERY DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

AFF450AS45 Datasheet(HTML) 1 Page - Power Semiconductors

  AFF450AS45 Datasheet HTML 1Page - Power Semiconductors AFF450AS45 Datasheet HTML 2Page - Power Semiconductors AFF450AS45 Datasheet HTML 3Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FAST RECOVERY DIODE
AFF450A
INSULATED MODULE
Repetitive voltage up to
4500
V
Mean on-state current
448
A
Surge current
10
kA
FINAL SPECIFICATION
apr 17 - ISSUE : 2
Symbol
Characteristic
Conditions
Tj
[°C]
Value
Unit
BLOCKING
V RRM
Repetitive peak reverse voltage
150
4500
V
V RSM
Non-repetitive peak reverse voltage
150
4600
V
I RRM
Repetitive peak reverse current
150
50
mA
CONDUCTING
I F (AV)
Mean on-state current
180° sin, 50Hz, Tc=100°C
448,5
A
I F (AV)
Mean on-state current
180° sin. 50Hz, Tc=55°C
703,3
A
I FSM
Surge on-state current
sine wave, 10 ms
150
10,0
kA
I² t
I² t
without reverse voltage
500 x1E3
A²s
V F
On-state voltage
On-state current =
1500 A
150
2,525
V
V F(TO)
Threshold voltage
150
1,40
V
r F
On-state slope resistance
150
0,750
mohm
Q rr
Reverse recovery charge
I F =
1000 A
150
µC
I rr
Peak reverse recovery current
di/dt=
150 A/µs
150
A
t rr
Reverse recovery time
VR =
100 V
150
µs
V FR
Peak forward recovery
di/dt=
400 A/µs
150
µs
MOUNTING
R th(j-c)
Thermal impedance
Junction to case, per element
°C/kW
R th(c-h)
Thermal impedance
Case to heatsink, per element
°C/kW
T j
Operating junction temperature
-30 / 150
°C
V ins
RMS insulation voltage
50Hz, circuit to base,all terminal shorted
25
V
T
Mounting tourque
Case to heatsink
Nm
Busbars to terminals
Nm
Mass
g
ORDERING INFORMATION : AFF450A S 45
1600
500
6,4
12 to 18
1500
4500
50
20
4 to 6
60
*Full ermetic packaging
*Industrial compatible packaging
*Insulation using Aln substrate
*6KVrms insulation voltage available on request
*Contact screws avaliable on request
(*) 6000V available on request.
Add HVI to the desired code in
phase of order, i.e. AFF230HVIS26
standard specification
VRRM/100


Similar Part No. - AFF450AS45

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
AFF450AHVI POSEICO-AFF450AHVI Datasheet
428Kb / 3P
FAST RECOVERY DIODE
AFF450AHVIS45 POSEICO-AFF450AHVIS45 Datasheet
428Kb / 3P
FAST RECOVERY DIODE
More results

Similar Description - AFF450AS45

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ARF221 POSEICO-ARF221 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF241 POSEICO-ARF241 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF462 POSEICO-ARF462 Datasheet
105Kb / 2P
FAST RECOVERY DIODE
ARF565 POSEICO-ARF565 Datasheet
45Kb / 4P
FAST RECOVERY DIODE
ARF673 POSEICO-ARF673 Datasheet
104Kb / 2P
FAST RECOVERY DIODE
logo
Dynex Semiconductor
DF054 DYNEX-DF054 Datasheet
58Kb / 7P
Fast Recovery Diode
DF654 DYNEX-DF654 Datasheet
61Kb / 7P
Fast Recovery Diode
DSF8045SK DYNEX-DSF8045SK Datasheet
63Kb / 9P
Fast Recovery Diode
MDFB51 DYNEX-MDFB51 Datasheet
69Kb / 8P
Fast Recovery Diode
logo
Rohm
RF101L4S ROHM-RF101L4S Datasheet
116Kb / 4P
Fast recovery diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com