Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFF450AS45 Datasheet(PDF) 3 Page - Power Semiconductors

Part # AFF450AS45
Description  FAST RECOVERY DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

AFF450AS45 Datasheet(HTML) 3 Page - Power Semiconductors

  AFF450AS45 Datasheet HTML 1Page - Power Semiconductors AFF450AS45 Datasheet HTML 2Page - Power Semiconductors AFF450AS45 Datasheet HTML 3Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AFF450A FAST RECOVERY DIODE
FINAL SPECIFICATION
apr 17 - ISSUE : 2
Distributed by
All the characteristics given in this data sheet are guaranteed only with uniform clamping force,
cleaned and lubricated heatsink, surfaces with flatness < .03 mm and roughness < 2 µm.
In the interest of product improvement POSEICO SPA reserves the right to change any data given
in this data sheet at any time without previous notice.
If not stated otherwise the
maximum value of ratings (simbols over shaded background) and
characteristics is reported.
0,0
10,0
20,0
30,0
40,0
50,0
60,0
0,001
0,1
10
t[s]
TRANSIENT THERMAL IMPEDANCE
0
2
4
6
8
10
12
1
10
100
n
° cycles
SURGE CHARACTERISTIC
Tj = 150 °C
0
200
400
600
800
1000
1200
1400
1
1,5
2
2,5
On-state Voltage [V]
ON-STATE CHARACTERISTIC
Tj = 150 °C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com