Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8782SEDS/R Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8782SEDS/R
Description  24-Bit, 192kHz Stereo ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8782SEDS/R Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8782SEDS/R Datasheet HTML 2Page - Wolfson Microelectronics plc WM8782SEDS/R Datasheet HTML 3Page - Wolfson Microelectronics plc WM8782SEDS/R Datasheet HTML 4Page - Wolfson Microelectronics plc WM8782SEDS/R Datasheet HTML 5Page - Wolfson Microelectronics plc WM8782SEDS/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM8782SEDS/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM8782SEDS/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8782SEDS/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM8782SEDS/R Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
WM8782
Product Preview
w
PP, May 2004, Rev 1.0
6
ELECTRICAL CHARACTERISTICS
Test Conditions
DVDD = 3.3V, AVDD = 5.0V, TA = +25
oC, 1kHz signal, A-weighted, fs = 48kHz, MCLK = 256fs, 24-bit audio data, Slave Mode
unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC Performance
Full Scale Input Signal Level
(for ADC 0dB Input)
1.0
Vrms
Input resistance, using
recommended external resistor
network on p17.
10
kΩ
Input capacitance
20
pF
A-weighted,
@ fs = 48kHz
93
102
dB
Unweighted,
@ fs = 48kHz
100
dB
Signal to Noise Ratio
(see Terminology note 1,2,4)
SNR
A-weighted,
@ fs = 48kHz, AVDD =
3.3V
100
dB
A-weighted,
@ fs = 96kHz
93
99
dB
Unweighted,
@ fs = 96kHz
99
dB
Signal to Noise Ratio
(see Terminology note 1,2,4)
SNR
A-weighted,
@ fs = 96kHz, AVDD =
3.3V
99
dB
1kHz, -1dB Full Scale
@ fs = 48kHz
-90
dB
1kHz, -1dB Full Scale
@ fs = 96kHz
-90
dB
Total Harmonic Distortion
THD
1kHz, -1dB Full Scale
@ fs = 192kHz
-90
dB
Dynamic Range
DNR
-60dBFS
93
102
dB
ADC Channel Separation
(see Terminology note 4)
1kHz Input
90
dB
20kHz
90
dB
Channel Level Matching
1kHz signal
0.1
dB
Channel Phase Deviation
1kHz signal
0.0001
Degree
1kHz 100mVpp, applied
to AVDD, DVDD
50
dB
Power Supply Rejection Ratio
PSRR
20Hz to 20kHz
100mVpp
45
dB
Digital Logic Levels (TTL Levels)
Input LOW level
VIL
0.8
V
Input HIGH level
VIH
2.0
V
Input leakage current – digital pad
-1
±0.2
+1
µA
Input leakage current – digital
tristate input (Note 3)
85
µA
Input capacitance
5
pF
Output LOW
VOL
IOL=1mA
0.1 x DVDD
V
Output HIGH
VOH
IOH= -1mA
0.9 x DVDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com