Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8782SEDS/R Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8782SEDS/R
Description  24-Bit, 192kHz Stereo ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8782SEDS/R Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8782SEDS/R Datasheet HTML 1Page - Wolfson Microelectronics plc WM8782SEDS/R Datasheet HTML 2Page - Wolfson Microelectronics plc WM8782SEDS/R Datasheet HTML 3Page - Wolfson Microelectronics plc WM8782SEDS/R Datasheet HTML 4Page - Wolfson Microelectronics plc WM8782SEDS/R Datasheet HTML 5Page - Wolfson Microelectronics plc WM8782SEDS/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM8782SEDS/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM8782SEDS/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8782SEDS/R Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
w
WM8782
24-Bit, 192kHz Stereo ADC
WOLFSON MICROELECTRONICS plc
www.wolfsonmicro.com
Product Preview, May 2004, Rev 1.0
Copyright
2004 Wolfson Microelectronics plc
DESCRIPTION
The WM8782 is a high performance, low cost stereo audio
ADC designed for recordable media applications.
The device offers stereo line level inputs along with two
control input pins (FORMAT, IWL) to allow operation of the
audio interface in three industry standard modes. An
internal op-amp is integrated on the front end of the chip to
accommodate analogue input signals greater than 1Vrms.
The device also has a high pass filter to remove residual
DC offsets.
WM8782 offers Master or Slave mode clocking schemes.
A control input pin M/S is used to allow Slave mode
operation or Master mode operation. A stereo 24-bit multi-
bit sigma-delta ADC is used with 128x, 64x or 32x over-
sampling, according to sample rate. Digital audio output
word lengths from 16-24 bits and sampling rates from
8kHz to 192kHz are supported.
The device is a hardware controlled device and is supplied
in a 20-SSOP package.
FEATURES
•
SNR 102dB (‘A’ weighted @ 48kHz)
•
THD -90dB (at –1dB)
•
Sampling Frequency: 8 – 192kHz
•
Master or Slave Clocking Mode
•
System Clock (MCLK): 128fs, 192fs, 256fs, 384fs, 512fs,
768fs
•
Audio Data Interface Modes
-
16-24 bit I
2S, 16-24 bit Left, 16-24 bit Right Justified
•
Supply Voltages
-
Analogue 2.7 to 5.5V
-
Digital core: 2.7V to 3.6V
•
20-pin SSOP package
APPLICATIONS
•
Recordable DVD Players
•
Personal Video Recorders
•
STB
•
Studio Audio Processing Equipment
BLOCK DIAGRAM


Similar Part No. - WM8782SEDS/R

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8782SEDS/R WOLFSON-WM8782SEDS/R Datasheet
248Kb / 21P
24-Bit, 192kHz Stereo ADC
WM8782SEDS/RV WOLFSON-WM8782SEDS/RV Datasheet
307Kb / 20P
24-Bit, 192kHz Stereo ADC
More results

Similar Description - WM8782SEDS/R

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8781 WOLFSON-WM8781 Datasheet
240Kb / 20P
24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786 Datasheet
238Kb / 22P
24-Bit, 192kHz Stereo ADC
WM8785 WOLFSON-WM8785 Datasheet
321Kb / 31P
24-Bit, 192kHz Stereo ADC
WM8785 WOLFSON-WM8785_06 Datasheet
313Kb / 31P
24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786_07 Datasheet
277Kb / 24P
24-Bit, 192kHz Stereo ADC
WM8782 WOLFSON-WM8782_10 Datasheet
307Kb / 20P
24-Bit, 192kHz Stereo ADC
logo
Cirrus Logic
WM8781 CIRRUS-WM8781 Datasheet
293Kb / 21P
24-Bit, 192kHz Stereo ADC
WM8782 CIRRUS-WM8782 Datasheet
307Kb / 20P
24-Bit, 192kHz Stereo ADC
WM8782A CIRRUS-WM8782A Datasheet
307Kb / 20P
24-Bit, 192kHz Stereo ADC
WM8786 CIRRUS-WM8786 Datasheet
1Mb / 27P
24-bit, 192kHz Stereo ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com