Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI7620 Datasheet(PDF) 43 Page - Texas Instruments

Part # PCI7620
Description  DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7620 Datasheet(HTML) 43 Page - Texas Instruments

Back Button PCI7620 Datasheet HTML 39Page - Texas Instruments PCI7620 Datasheet HTML 40Page - Texas Instruments PCI7620 Datasheet HTML 41Page - Texas Instruments PCI7620 Datasheet HTML 42Page - Texas Instruments PCI7620 Datasheet HTML 43Page - Texas Instruments PCI7620 Datasheet HTML 44Page - Texas Instruments PCI7620 Datasheet HTML 45Page - Texas Instruments PCI7620 Datasheet HTML 46Page - Texas Instruments PCI7620 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 248 page
background image
2–22
Smart Card defines additional functionality for the CardBus/PC Card terminals. Table 2–18 gives the signal names
and mapping of this additional functionality to the PCI7x20 CardBus/PC Card terminals, with reference to the 68-pin
card socket. Table 2–19 provides the signal descriptions.
Table 2–18. Smart Card Mapping to the PCMCIA 68-Terminal Connector
TERM.
16-Bit PC Card
CardBus
Smart Card
TERM.
16-Bit PC Card
CardBus
Smart Card
1
GND
GND
GND
35
GND
GND
GND
2
D3
CAD0
RSVD
36
CD1
CCD1
CCD1
3
D4
CAD1
RSVD
37
D11
CAD2
RSVD
4
D5
CAD3
RSVD
38
D12
CAD4
RSVD
5
D6
CAD5
RSVD
39
D13
CAD6
RSVD
6
D7
CAD7
RSVD
40
D14
RFU
RSVD
7
CE1
CC/BE0
RSVD
41
D15
CAD8
RSVD
8
A10
CAD9
RSVD
42
CE2
CAD10
RSVD
9
OE
CAD11
RSVD
43
VS1
CVS1
CVS1
10
A11
CAD12
RSVD
44
IORD/RFU
CAD13
RSVD
11
A9
CAD14
RSVD
45
IOWR/RFU
CAD15
RSVD
12
A8
CC/BE1
RSVD
46
A17
CAD16
RSVD
13
A13
CPAR
RSVD
47
A18
RFU
SQRY1
14
A14
CPERR
RSVD
48
A19
CBLOCK
RSVD
15
WE
CGNT
SC_RFU
49
A20
CSTOP
RSVD
16
READY/IREQ
CINT
RSVD
50
A21
CDEVSEL
RSVD
17
VCC
VCC
VCC
51
VCC
VCC
VCC
18
VPP/VCORE
VPP/VCORE
VPP/VCORE
52
VPP/VCORE
VPP/VCORE
VPP/VCORE
19
A16
CCLK
SC_CLK
53
A22
CTRDY
MC_CD
20
A15
CIRDY
RSVD
54
A23
CFRAME
SC_FCB
21
A12
CC/BE2
SC_RST
55
A24
CAD17
SC_I/O
22
A7
CAD18
SC_GPIO0
56
A25
CAD19
SQRYDR
23
A6
CAD20
SC_GPIO1
57
VS2
CVS2
CVS2
24
A5
CAD21
SC_GPIO2
58
RESET
CRST
SQRY2
25
A4
CAD22
SC_GPIO3
59
WAIT
CSERR
SQRY3
26
A3
CAD23
SC_GPIO4
60
INPACK/RFU
CREQ
SQRY4
27
A2
CAD24
SC_GPIO5
61
REG
CC/BE3
SQRY5
28
A1
CAD25
SC_GPIO06
62
BVD2(SPKR)
CAUDIO
SQRY6
29
A0
CAD26
SC_GPIO7
63
BVD1(STSCHG/RI)
CSTSCHG
SQRY7
30
D0
CAD27
RSVD
64
D8
CAD28
SQRY8
31
D1
CAD29
RSVD
65
D9
CAD30
SQRY9
32
D2
RFU
RSVD
66
D10
CAD31
SQRY10
33
WP(IOIS16)
CCLKRUN
RSVD
67
CD2
CCD2
CCD2
34
GND
GND
GND
68
GND
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com