Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI7620 Datasheet(PDF) 13 Page - Texas Instruments

Part # PCI7620
Description  DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7620 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCI7620 Datasheet HTML 9Page - Texas Instruments PCI7620 Datasheet HTML 10Page - Texas Instruments PCI7620 Datasheet HTML 11Page - Texas Instruments PCI7620 Datasheet HTML 12Page - Texas Instruments PCI7620 Datasheet HTML 13Page - Texas Instruments PCI7620 Datasheet HTML 14Page - Texas Instruments PCI7620 Datasheet HTML 15Page - Texas Instruments PCI7620 Datasheet HTML 16Page - Texas Instruments PCI7620 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 248 page
background image
xiv
8–16
Interrupt Mask Register Description
8–20
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8–17
Isochronous Transmit Interrupt Event Register Description
8–22
. . . . . . . . . . .
8–18
Isochronous Receive Interrupt Event Register Description
8–24
. . . . . . . . . . .
8–19
Initial Bandwidth Available Register Description
8–25
. . . . . . . . . . . . . . . . . . . . .
8–20
Initial Channels Available High Register Description
8–26
. . . . . . . . . . . . . . . . .
8–21
Initial Channels Available Low Register Description
8–26
. . . . . . . . . . . . . . . . .
8–22
Fairness Control Register Description
8–27
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8–23
Link Control Register Description
8–28
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8–24
Node Identification Register Description
8–29
. . . . . . . . . . . . . . . . . . . . . . . . . . .
8–25
PHY Control Register Description
8–30
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8–26
Isochronous Cycle Timer Register Description
8–31
. . . . . . . . . . . . . . . . . . . . . .
8–27
Asynchronous Request Filter High Register Description
8–32
. . . . . . . . . . . . .
8–28
Asynchronous Request Filter Low Register Description
8–34
. . . . . . . . . . . . . .
8–29
Physical Request Filter High Register Description
8–35
. . . . . . . . . . . . . . . . . . .
8–30
Physical Request Filter Low Register Description
8–37
. . . . . . . . . . . . . . . . . . .
8–31
Asynchronous Context Control Register Description
8–38
. . . . . . . . . . . . . . . . .
8–32
Asynchronous Context Command Pointer Register Description
8–39
. . . . . . .
8–33
Isochronous Transmit Context Control Register Description
8–40
. . . . . . . . . .
8–34
Isochronous Receive Context Control Register Description
8–41
. . . . . . . . . . .
8–35
Isochronous Receive Context Match Register Description
8–44
. . . . . . . . . . . .
9–1
TI Extension Register Map
9–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
9–2
Isochronous Receive Digital Video Enhancements
Register Description
9–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
9–3
Link Enhancement Register Description
9–4
. . . . . . . . . . . . . . . . . . . . . . . . . . .
9–4
Timestamp Offset Register Description
9–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
10–1
Base Register Configuration
10–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10–2
Base Register Field Descriptions
10–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10–3
Page 0 (Port Status) Register Configuration
10–4
. . . . . . . . . . . . . . . . . . . . . . . .
10–4
Page 0 (Port Status) Register Field Descriptions
10–4
. . . . . . . . . . . . . . . . . . . .
10–5
Page 1 (Vendor ID) Register Configuration
10–5
. . . . . . . . . . . . . . . . . . . . . . . . .
10–6
Page 1 (Vendor ID) Register Field Descriptions
10–5
. . . . . . . . . . . . . . . . . . . . .
10–7
Page 7 (Vendor-Dependent) Register Configuration
10–6
. . . . . . . . . . . . . . . . .
10–8
Page 7 (Vendor-Dependent) Register Field Descriptions
10–6
. . . . . . . . . . . . .
10–9
Power Class Descriptions
10–7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11–1
Function 3 Configuration Register Map
11–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
11–2
Command Register Description
11–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11–3
Status Register Description
11–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11–4
Class Code and Revision ID Register Description
11–5
. . . . . . . . . . . . . . . . . . .
11–5
Latency Timer and Class Cache Line Size Register Description
11–5
. . . . . . .
11–6
Header Type and BIST Register Description
11–6
. . . . . . . . . . . . . . . . . . . . . . . .
11–7
Flash Media Base Address Register Description
11–6
. . . . . . . . . . . . . . . . . . . .
11–8
PCI Interrupt Pin Register
11–8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11–9
Minimum Grant Register Description
11–9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11–10 Maximum Latency Register Description
11–9
. . . . . . . . . . . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com