Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C180BV Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C180BV
Description  Precision 1-18 Clock Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C180BV Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C180BV Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C180BV Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C180BV Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C180BV Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C180BV Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C180BV Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C180BV Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
PS8468
05/03/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C180B
Precision 1-18 Clock Buffer
n
i
Pl
o
b
m
y
Se
p
y
Ty
t
Qn
o
it
p
i
r
c
s
e
D
9
,
8
,
5
,
4]
3
-
0
[
M
A
R
D
SO
4
t
u
p
t
u
o
k
c
o
l
c
0
e
t
y
B
M
A
R
D
S
8
1
,
7
1
,
4
1
,
3
1]
7
-
4
[
M
A
R
D
SO
4
t
u
p
t
u
o
k
c
o
l
c
1
e
t
y
B
M
A
R
D
S
6
3
,
5
3
,
2
3
,
1
3]
1
1
-
8
[
M
A
R
D
SO
4
t
u
p
t
u
o
k
c
o
l
c
2
e
t
y
B
M
A
R
D
S
5
4
,
4
4
,
1
4
,
0
4]
5
1
-
2
1
[
M
A
R
D
SO
4
t
u
p
t
u
o
k
c
o
l
c
3
e
t
y
B
M
A
R
D
S
8
2
,
1
2]
7
1
-
6
1
[
M
A
R
D
SO
4
k
c
a
b
d
e
e
f
r
o
f
el
b
a
s
u
st
u
p
t
u
o
k
c
o
l
c
M
A
R
D
S
1
1N
I
_
F
U
BI
1
r
e
ff
u
b
8
1
-
1
r
o
f
t
u
p
n
I
8
3E
OI
1
k
0
0
1
>
a
s
a
H
.
W
O
L
d
l
e
h
n
e
h
w
st
u
p
t
u
o
ll
a
Z
-i
H
Ω
l
a
n
r
e
t
n
i
r
o
t
si
s
e
r
p
u
-l
l
u
p
4
2A
T
A
D
SO
/I1
I
r
o
f
n
i
p
a
t
a
D
2
k
0
0
1
>
a
s
a
H
.y
rt
i
u
c
ri
c
C
Ω
r
o
t
si
s
e
r
p
u
-l
l
u
p
l
a
n
r
e
t
n
i
5
2K
C
O
L
C
SO
/I1
I
n
i
p
k
c
o
l
C
2
k
0
0
1
>
a
s
a
H
.y
rt
i
u
c
ri
c
C
Ω
r
o
t
si
s
e
r
p
u
-l
l
u
p
l
a
n
r
e
t
n
i
,
0
2
,
6
1
,
2
1
,
7
,
3
6
4
,
2
4
,
7
3
,
3
3
,
9
2
V
9
-
0
[
D
D
]r
e
w
o
P0
1s
r
e
ff
u
b
M
A
R
D
S
r
o
f
y
l
p
p
u
s
r
e
w
o
p
V
3
.
3
,
2
2
,
9
1
,
5
1
,
0
1
,
6
3
4
,
9
3
,
4
3
,
0
3
,
7
2
V
9
-
0
[
S
S
]d
n
u
o
r
G0
1s
r
e
ff
u
b
M
A
R
D
S
r
o
f
d
n
u
o
r
G
3
2V
C
II
D
D
r
e
w
o
P1
I
r
o
f
y
l
p
p
u
s
r
e
w
o
p
V
3
.
3
2
y
rt
i
u
c
ri
c
C
6
2V
C
II
S
S
d
n
u
o
r
G1
I
r
o
f
d
n
u
o
r
G
2
y
rt
i
u
c
ri
c
C
8
4
,
7
4
,
2
,
1C
Nd
e
v
r
e
s
e
R4
st
c
e
n
n
o
c
o
N
.
n
o
it
a
ci
fi
d
o
m
e
r
u
t
u
f
r
o
f
d
e
v
r
e
s
e
R
Product Pin Description
OE Functionality
PI6C180 I2C Address Assignment
Notes:
1. Used for test purposes only
2. Buffers are non-inverting
PI6C180BSerialConfigurationMap
Byte0:SDRAMActive/InactiveRegister
(1 = enable, 0 = disable)
Note:
Inactive means outputs are
held LOW and are disabled
from switching.
E
O]
7
1
-
0
[
M
A
R
D
Se
t
o
N
0Z
-i
H1
1N
I
_
F
U
B2
6
A5
A4
A3
A2
A1
A0
AW
/
R
11
0
1
0
0
1
0
ti
B#
n
i
Pn
o
it
p
i
r
c
s
e
D
7
ti
B8
1
7
M
A
R
D
S
)
e
v
it
c
a
n
I/
e
v
it
c
A
(
6
ti
B7
1
6
M
A
R
D
S
)
e
v
it
c
a
n
I/
e
v
it
c
A
(
5
ti
B4
1
5
M
A
R
D
S
)
e
v
it
c
a
n
I/
e
v
it
c
A
(
4
ti
B3
1
4
M
A
R
D
S
)
e
v
it
c
a
n
I/
e
v
it
c
A
(
3
ti
B9
3
M
A
R
D
S
)
e
v
it
c
a
n
I/
e
v
it
c
A
(
2
ti
B8
2
M
A
R
D
S
)
e
v
it
c
a
n
I/
e
v
it
c
A
(
1
ti
B5
1
M
A
R
D
S
)
e
v
it
c
a
n
I/
e
v
it
c
A
(
0
ti
B4
0
M
A
R
D
S
)
e
v
it
c
a
n
I/
e
v
it
c
A
(



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com