Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C180BV Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C180BV
Description  Precision 1-18 Clock Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C180BV Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C180BV Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C180BV Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C180BV Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C180BV Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C180BV Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C180BV Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C180BV Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PI6C180B
Precision 1-18 Clock Buffer
3
PS8468
05/03/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
2-Wire I2C Control
The I2C interface permits individual enable/disable of each clock
output and test mode enable.
ThePI6C180Bisaslavereceiverdevice. Itcannotbereadback. Sub
addressing is not supported. All preceding bytes must be sent in
order to change one of the control bytes.
Every bite put on the SDATA line must be 8-bits long (MSB first),
followed by an acknowledge bit generated by the receiving device.
During normal datatransfersSDATAchangesonlywhenSCLOCK
is LOW. Exceptions: A HIGH to LOW transition on SDATA while
SCLOCK is HIGH indicates a “start” condition. A LOW to HIGH
transition on SDATAwhile SCLOCK is HIGH is a “stop” condition
and indicates the end of a data transfer cycle.
Each data transfer is initiated with a start condition and ended with
a stop condition. The first byte after a start condition is always a
7-bit address byte followed by a read/write bit. (HIGH = read from
addressed device, LOW= write to addressed device). If the device’s
own address is detected, PI6C180B generates an acknowledge by
pulling SDATA line LOW during ninth clock pulse, then accepts
the following data bytes until another start or stop condition is
detected.
Following acknowledgement of the address byte (D2), two more
bytes must be sent:
1. “Command Code” byte, and
2. “Byte Count” byte.
Although the data bits on these two bytes are “don’t care,” they
must be sent and acknowledged.
Byte1: SDRAM Active/Inactive Register
(1 = enable, 0 = disable)
Byte2: Optional Register for Possible Future
Requirements (1 = enable, 0 = disable)
ti
B#
n
i
Pn
o
it
p
i
r
c
s
e
D
7
ti
B5
4)
e
v
it
c
a
n
I/
e
v
it
c
A
(
5
1
M
A
R
D
S
6
ti
B4
4)
e
v
it
c
a
n
I/
e
v
it
c
A
(
4
1
M
A
R
D
S
5
ti
B1
4)
e
v
it
c
a
n
I/
e
v
it
c
A
(
3
1
M
A
R
D
S
4
ti
B0
4)
e
v
it
c
a
n
I/
e
v
it
c
A
(
2
1
M
A
R
D
S
3
ti
B6
3)
e
v
it
c
a
n
I/
e
v
it
c
A
(
1
1
M
A
R
D
S
2
ti
B5
3)
e
v
it
c
a
n
I/
e
v
it
c
A
(
0
1
M
A
R
D
S
1
ti
B2
3)
e
v
it
c
a
n
I/
e
v
it
c
A
(
9
M
A
R
D
S
0
ti
B1
3)
e
v
it
c
a
n
I/
e
v
it
c
A
(
8
M
A
R
D
S
ti
B#
n
i
Pn
o
it
p
i
r
c
s
e
D
7
ti
B8
2)
e
v
it
c
a
n
I/
e
v
it
c
A
(
7
1
M
A
R
D
S
6
ti
B1
2)
e
v
it
c
a
n
I/
e
v
it
c
A
(
6
1
M
A
R
D
S
5
ti
B)
d
e
v
r
e
s
e
R
(
4
ti
B)
d
e
v
r
e
s
e
R
(
3
ti
B)
d
e
v
r
e
s
e
R
(
2
ti
B)
d
e
v
r
e
s
e
R
(
1
ti
B)
d
e
v
r
e
s
e
R
(
0
ti
B)
d
e
v
r
e
s
e
R
(
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Storage Temperature ............................................................. –65°C to +150°C
Ambient Temperature with Power Applied .............................. –0°C to +70°C
3.3V Supply Voltage to Ground Potential .............................. –0.5V to +4.6V
DC Input Voltage .................................................................... –0.5V to +4.6V
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other conditions
above
those
indicated
in
the
operational
sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended
periods may affect reliability.
Supply Current (VDD = +3.465V, CLOAD = Max.)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
o
it
i
d
n
o
C
t
s
e
T.
n
i
M.
p
y
T.
x
a
Ms
ti
n
U
I D
D
t
n
e
rr
u
C
y
l
p
p
u
Sz
H
M
0
=
N
I
_
F
U
B3
A
m
I D
D
t
n
e
rr
u
C
y
l
p
p
u
Sz
H
M
6
6
.
6
6
=
N
I
_
F
U
B0
3
2
I D
D
t
n
e
rr
u
C
y
l
p
p
u
Sz
H
M
0
.
0
0
1
=
N
I
_
F
U
B0
6
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com