Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED565-04A Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED565-04A
Description  Dual LED, 5 mm package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED565-04A Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED565-04A Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED565-04A Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
01.08.2012
LED430/565-04A
1 of 2
LED430/565-04A
TECHNICAL DATA
Dual LED, 5 mm package
GaN, GaP
LED430/565-04A is a bi-color LED, containing a GaN (430 nm) and GaP (565 nm) LED chip die,
which are mounted on a lead frame with a clear epoxy lens.
On forward bias, it emits a power radiation of typical 0.4 mW and 0.2 mW at peak wavelengths of
430 nm and 565 nm.
Specifications
(Unit: mm)
•
Structure:
GaN and GaP
•
Peak Wavelength:
430 and 565 nm
•
Optical Output Power:
0.4 and 0.2 mW
•
Package:
Ø 5 mm clear molding
•
Resin Material:
clear epoxy resin
•
Lead Frame:
soldered
Absolute Maximum Ratings (TA=25°C)
Item
Symbol
Value
Unit
430 nm
565 nm
Power Dissipation
PD
250
130
mW
Forward Current
IF
50
mA
Reverse Voltage
VR
10
V
Operating Temperature
Topr
-30 … +85
°C
Storage Temperature
Tstg
-30 … +100
°C
Soldering Temperature *
Tsol
240
°C
* must be completed within 3 seconds at 260°C
Electro-Optical Characteristics
Item
Symbol Condition
Min.
Typ.
Max.
Unit
430nm 565nm 430nm 565nm 430nm 565nm
Peak Wavelength
λ
P
IF = 20 mA
418
562
425
565
432
568
nm
Half Width
Δλ
IF = 20 mA
-
50
35
-
nm
Total Radiated Power *
PO
IF = 20 mA
0.2
0.1
0.4
0.2
0.5
0.3
mW
Forward Voltage
VF
IF = 20 mA
-
-
4.0
2.2
5.0
2.4
V
Reverse Current
IR
VR = 5 V
-
-
-
10
µA
Reverse Current
IR
VR = 10 V
-
-
100
-
µA
Viewing Half Angle
Θ
1/2
IF = 20 mA
-
±20
-
deg.
*
1 measured by Photodyne #500
Note: The above specifications are for reference purpose only and subjected to change without prior notice.


Similar Part No. - LED565-04A

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED565-04A ROITHNER-LED565-04A Datasheet
103Kb / 2P
Dual LED
More results

Similar Description - LED565-04A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLDR5800 VISHAY-TLDR5800 Datasheet
78Kb / 5P
High Intensity LED in 5 mm Clear Package
04-Feb-99
TLHE5400 VISHAY-TLHE5400 Datasheet
73Kb / 5P
High Intensity LED, 5 mm Tinted Diffused Package
04-Feb-99
TLHF5400 VISHAY-TLHF5400 Datasheet
73Kb / 5P
High Intensity LED, 5 mm Tinted Diffused Package
04-Feb-99
TLUR54 VISHAY-TLUR54 Datasheet
100Kb / 6P
Universal LED in 5 mm Tinted Diffused Package
04-Feb-99
TLUV5300 VISHAY-TLUV5300 Datasheet
96Kb / 6P
Bicolor LED in 5 mm Untinted Diffused Package
04-Feb-99
TLBR5410 VISHAY-TLBR5410 Datasheet
211Kb / 6P
Blinking LED in 5 mm Plastic Package
30-Aug-04
VLCPG5100 VISHAY-VLCPG5100 Datasheet
611Kb / 6P
Ultrabright LED, 5 mm Untinted Non-Diffused Package
29-Apr-13
logo
HK TO-GRACE TECHNOLOGY ...
TLPR5600 TO-GRACE-TLPR5600 Datasheet
1Mb / 11P
Sideview LED, 횠 5 mm Tinted Diffused Package
logo
Vishay Siliconix
TLDR5800 VISHAY-TLDR5800_V01 Datasheet
183Kb / 6P
High Intensity LED, Ø 5 mm Clear Package
16-Mar-15
TLDR5800 VISHAY-TLDR5800_V02 Datasheet
183Kb / 6P
High Intensity LED, Ø 5 mm Clear Package
16-Mar-15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com