Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED565-04A Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # LED565-04A
Description  Dual LED, 5 mm package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED565-04A Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  LED565-04A Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED565-04A Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
01.08.2012
LED430/565-04A
2 of 2
Precaution for Use
1.
Cautions
•
DO NOT look directly into the emitting area of the LED or through the optical system during operation!
To prevent in adequate exposure of the radiation, wear protective glasses.
2.
Lead Forming
•
Lead forming should be done before soldering.
•
When forming leads, the leads should be bent at a point at least 3 mm from the base of the lead.
DO NOT use the base of the lead frame as a fulcrum during lead forming!
•
DO NOT apply any bending stress to the base of the lead. The stress to the base may damage the
LED’s characteristics or it may break the LEDs.
•
When mounted the LEDs onto the printed circuit board, the holes on the circuit board should be
exactly aligned with the leads of LEDs. If the LEDs are mounted with stress at the leads, it causes
deterioration of the lead and it will degrade the LEDs.
3.
Soldering Conditions
•
Solder the LEDs no closer than 3 mm from the base of the
lead.
•
DO NOT apply any stress to the lead particularly when heat.
•
After soldering the LEDs, the lead should be protected from
mechanical shock or vibration until the LEDs return to room
temperature.
•
The LEDs must not be reposition after soldering.
•
When it is necessary to clamp the LEDs to prevent soldering
failure, it is important to minimize the mechanical stress on the
LEDs.
•
Cut the LED leads at room temperature. Cutting the leads at
high temperature may cause the failure of the LEDs.
Soldering Conditions
4.
Static Electricity
•
The LEDs are very sensitive to Static Electricity and surge
voltage. So it is recommended that a wrist band and/or an anti-
electrostatic glove be used when handling the LEDs.
•
All devices, equipment and machinery must be grounded
properly. It is recommended that precautions should be taken
against surge voltage to the equipment that mounts the LEDs.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com