Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCAN90CP02 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SCAN90CP02
Description  1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN90CP02 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  SCAN90CP02 Datasheet HTML 1Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 2Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 3Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 4Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 5Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 6Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 7Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 8Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Pin Descriptions
Pin
Name
LLP Pin
Number
LQFP
Pin
Number
I/O, Type
Description
DIFFERENTIAL INPUTS COMMON TO ALL MUXES
IN0+
IN0−
9
10
9
10
I, LVDS
Inverting and non-inverting differential inputs. LVDS, Bus LVDS, CML, or
LVPECL compatible.
IN1+
IN1−
12
13
13
14
I, LVDS
Inverting and non-inverting differential inputs. LVDS, Bus LVDS, CML, or
LVPECL compatible.
SWITCHED DIFFERENTIAL OUTPUTS
OUT0+
OUT0−
27
26
32
31
O, LVDS
Inverting and non-inverting differential outputs. OUT0± can be connected to any
one pair IN0±,orIN1±. LVDS compatible (Note 2).
OUT1+
OUT1−
24
23
28
27
O, LVDS
Inverting and non-inverting differential outputs. OUT1± can be connected to any
one pair IN0±,orIN1±. LVDS compatible (Note 2).
DIGITAL CONTROL INTERFACE
SEL0,
SEL1
6
5
7
6
I, LVTTL
Select Control Inputs
EN0,
EN1
7
15
8
17
I, LVTTL
Output Enable Inputs
PEM00,
PEM01
4
3
4
3
I, LVTTL
Channel 0 Output Pre-emphasis Control Inputs
PEM10,
PEM11
2
1
2
1
I, LVTTL
Channel 1 Output Pre-emphasis Control Inputs
TDI
19
22
I, LVTTL
Test Data Input to support IEEE 1149.1 features
TDO
20
23
O, LVTTL
Test Data Output to support IEEE 1149.1 features
TMS
18
21
I, LVTTL
Test Mode Select to support IEEE 1149.1 features
TCK
17
19
I, LVTTL
Test Clock to support IEEE 1149.1 features
TRST
21
24
I, LVTTL
Test Reset to support IEEE 1149.1 features
N/C
8, 28
Not Connected
POWER
V
DD
11, 14,
16, 22,
25
12, 16,
18, 25,
29
I, Power
V
DD = 3.3V ±0.3V. At least 4 low ESR 0.01 µF bypass capacitors should be
connected from V
DD to GND plane.
GND
(Note 1) 5, 11, 15,
20, 26,
30
Ground reference to LVDS and CMOS circuitry.
For the LLP package, the DAP is used as the primary GND connection to the
device. The DAP is the exposed metal contact at the bottom of the LLP-28
package. It should be connected to the ground plane with at least 4 vias for
optimal AC and thermal performance.
Note 1: Note that for the LLP package GND is not an actual pin on the package, the GND is connected thru the DAP on the back side of the LLP package.
Note 2: The LVDS outputs do not support a multidrop (BLVDS) environment. The LVDS output characteristics of the SCAN90CP02 device have been optimized for
point-to-point backplane and cable applications.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com