Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCAN90CP02 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SCAN90CP02
Description  1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN90CP02 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  SCAN90CP02 Datasheet HTML 1Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 2Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 3Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 4Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 5Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 6Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 7Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 8Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SCAN90CP02
1.5 Gbps 2x2 LVDS Crosspoint Switch with
Pre-Emphasis and IEEE 1149.6
General Description
The SCAN90CP02 is a 1.5 Gbps2x2LVDS crosspoint
switch. High speed data paths and flow-through pinout mini-
mize internal device jitter, while configurable 0/25/50/100%
pre-emphasis overcomes external ISI jitter effects of lossy
backplanes and cables. The differential inputs interface to
LVDS and Bus LVDS signals such as those on National’s
10-, 16-, and 18- bit Bus LVDS SerDes, as well as CML and
LVPECL. The SCAN90CP02 can also be used with ASICs
and FPGAs. The non-blocking crosspoint architecture is pin-
configurable as a 1:2 clock or data splitter, 2:1 redundancy
mux, crossover function, or dual buffer for signal booster and
stub hider applications.
Integrated IEEE 1149.1 (JTAG) and 1149.6 circuitry supports
testability of both single-ended LVTTL/CMOS and differential
LVDS PCB interconnect. The 3.3V supply, CMOS process,
and LVDS I/O ensure high performance at low power over
the entire industrial -40 to +85˚C temperature range.
Features
n
1.5 Gbps per channel
n
Low power: 70 mA in dual repeater mode @1.5 Gbps
n
Low output jitter
n
Configurable 0/25/50/100% pre-emphasis drives lossy
backplanes and cables
n
Non-blocking architecture allows 1:2 splitter, 2:1 mux,
crossover, and dual buffer configurations
n
Flow-through pinout
n
LVDS/BLVDS/CML/LVPECL inputs, LVDS Outputs
n
IEEE 1149.1 and 1149.6 compliant
n
Single 3.3V supply
n
Separate control of inputs and outputs allows for power
savings
n
Industrial -40 to +85˚C temperature range
n
28-lead LLP package, or 32-lead LQFP package
Block Diagram
20071401
FIGURE 1. SCAN90CP02 Block Diagram
October 2004
© 2004 National Semiconductor Corporation
DS200714
www.national.com


Similar Part No. - SCAN90CP02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SCAN90CP02 TI1-SCAN90CP02 Datasheet
1Mb / 20P
1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
SCAN90CP02 TI1-SCAN90CP02 Datasheet
1Mb / 20P
SCAN90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
logo
National Semiconductor ...
SCAN90CP02 NSC-SCAN90CP02 Datasheet
351Kb / 16P
1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
logo
Texas Instruments
SCAN90CP02 TI2-SCAN90CP02 Datasheet
697Kb / 22P
SCAN90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
REVISED APRIL 2013
SCAN90CP02SP/NOPB TI1-SCAN90CP02SP/NOPB Datasheet
1Mb / 20P
SCAN90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
More results

Similar Description - SCAN90CP02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152 Datasheet
277Kb / 12P
1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
1.5 Gbps 2X2 LVDS Crosspoint Switch
DS25CP102 NSC-DS25CP102 Datasheet
396Kb / 16P
3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
SCAN90CP02 NSC-SCAN90CP02_07 Datasheet
351Kb / 16P
1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
logo
Texas Instruments
SCAN90CP02 TI1-SCAN90CP02_14 Datasheet
1Mb / 20P
1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
1.5 Gbps 2X2 LVDS Crosspoint Switch
DS25CP102 TI1-DS25CP102 Datasheet
925Kb / 19P
3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS10CP152 TI1-DS10CP152_13 Datasheet
766Kb / 15P
1.5 Gbps 2X2 LVDS Crosspoint Switch
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
1.5 Gbps 2x2 LVDS Crosspoint Switch
SCAN90CP02 TI1-SCAN90CP02_15 Datasheet
1Mb / 20P
SCAN90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com