Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDP65N03L Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # SDP65N03L
Description  N-Channel Logic Level E nhancement Mode Field E ffect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDP65N03L Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  SDP65N03L Datasheet HTML 1Page - SamHop Microelectronics Corp. SDP65N03L Datasheet HTML 2Page - SamHop Microelectronics Corp. SDP65N03L Datasheet HTML 3Page - SamHop Microelectronics Corp. SDP65N03L Datasheet HTML 4Page - SamHop Microelectronics Corp. SDP65N03L Datasheet HTML 5Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
N-Channel Logic Level E nhancement Mode Field E ffect Transistor
ABS OLUTE MAXIMUM R ATINGS (TC=25 C unless otherwise noted)
THE R MAL CHAR ACTE R IS TICS
Thermal R esistance, Junction-to-Case
Thermal R esistance, Junction-to-Ambient
R JC
R JA
2
62.5
/W
C
/W
C
30
Parameter
S ymbol
Limit
Unit
Drain-S ource Voltage
VDS
V
Gate-S ource Voltage
VGS
V
-Pulsed
ID
65
A
IDM
195
A
Drain-S ource Diode Forward Current
IS
65
A
Maximum Power Dissipation
PD
W
Operating and S torage Temperature R ange
TJ, TS TG
-65 to 175
C
@ Tc=25 C
Derate above 25 C
75
0.5
W/ C
Drain Current-Continuous
@ TJ=125 C
a
S
G
D
S DB S E R IE S
TO-263(DD-PAK)
G
S
D
S DP S E R IE S
TO-220
S
D
G
4
1
P R ODUC T S UMMAR Y
V DS S
ID
30V
65A
8 @ V GS = 10V
12 @ V GS = 4.5V
S DP /B 65N03L
F E AT UR E S
S uper high dense cell design for extremely low R DS (ON).
High power and current handling capability.
TO-220 & TO-263 package.
S amHop Microelectronics C orp.
20
R DS (on) ( m W ) TYP
S eptember , 2002


Similar Part No. - SDP65N03L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDP600 ETC2-SDP600 Datasheet
475Kb / 10P
Accuracy better than 0.2% FS near zero
SDP600-125Pa ETC2-SDP600-125Pa Datasheet
475Kb / 10P
Accuracy better than 0.2% FS near zero
SDP600-25Pa ETC2-SDP600-25Pa Datasheet
475Kb / 10P
Accuracy better than 0.2% FS near zero
SDP600-500Pa ETC2-SDP600-500Pa Datasheet
475Kb / 10P
Accuracy better than 0.2% FS near zero
SDP601 ETC2-SDP601 Datasheet
475Kb / 10P
Accuracy better than 0.2% FS near zero
More results

Similar Description - SDP65N03L

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDP55N02 SAMHOP-SDP55N02 Datasheet
479Kb / 6P
N-Channel E nhancement Mode Field E ffect Transistor
SDP60N03L SAMHOP-SDP60N03L Datasheet
519Kb / 6P
N-Channel Logic Level E nhancement Mode Field E ffect Transistor
STU3055L SAMHOP-STU3055L Datasheet
765Kb / 8P
N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
SDU40N03 SAMHOP-SDU40N03 Datasheet
386Kb / 5P
N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
SDP55N03L SAMHOP-SDP55N03L Datasheet
417Kb / 5P
N-Channel Logic Level E nhancement Mode Field E ffect Transistor
logo
List of Unclassifed Man...
55N03L ETC1-55N03L Datasheet
415Kb / 5P
N-Channel Logic Level E nhancement Mode Field E ffect Transistor
SDPB55N03L ETC1-SDPB55N03L Datasheet
319Kb / 5P
N-Channel Logic Level E nhancement Mode Field E ffect Transistor
logo
SamHop Microelectronics...
ST426S SAMHOP-ST426S Datasheet
175Kb / 9P
N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
STU420S SAMHOP-STU420S Datasheet
940Kb / 9P
N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
STU426S SAMHOP-STU426S Datasheet
175Kb / 9P
N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com