Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDP65N03L Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # SDP65N03L
Description  N-Channel Logic Level E nhancement Mode Field E ffect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDP65N03L Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  SDP65N03L Datasheet HTML 1Page - SamHop Microelectronics Corp. SDP65N03L Datasheet HTML 2Page - SamHop Microelectronics Corp. SDP65N03L Datasheet HTML 3Page - SamHop Microelectronics Corp. SDP65N03L Datasheet HTML 4Page - SamHop Microelectronics Corp. SDP65N03L Datasheet HTML 5Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
with T emperature
F igure 6. B reakdown V oltage V ariation
F igure 5. G ate T hres hold V ariation
with T emperature
F igure 7. T rans conductance V ariation
with Drain C urrent
IDS , Drain-S ource C urrent (A)
F igure 10. Maximum S afe
O perating Area
V DS , Drain-S ource V oltage (V )
F igure 8. B ody Diode F orward V oltage
V ariation with S ource C urrent
V S D, B ody Diode F orward V oltage (V )
T j, J unction T emperature ( C )
T j, J unction T emperature ( C )
4
50
40
30
20
10
0
0
10
20
30
40
VDS =10V
50
10
1.0
0.1
0.4
0.6
0.8
1.0
1.2
1.4
200
100
300
10
1
0.5
0.1
1
10
30
60
R D
S (
ON
)Li
mi
t
VGS =10V
S ingle P ulse
Tc=25 C
10m
s
100
ms
1ms
100μ
s
F igure 9. G ate C harge
Qg, T otal G ate C harge (nC )
10
0
2
4
6
8
0
6
12
18
30
24
36
42
48
V DS =10V
ID=65A
4
DC
S DP /B 65N03L
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
-50 -25
0
25
50
75 100 125
V DS =V GS
ID=250uA
-50 -25
0
25
50
75 100 125
1.15
1.10
1.05
1.00
0.95
0.90
0.85
ID=250uA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com