Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDMVSG Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LDMVSG
Description  Small size high-flux LED for slim designs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LDMVSG Datasheet(HTML) 1 Page - OSRAM GmbH

  LDMVSG Datasheet HTML 1Page - OSRAM GmbH LDMVSG Datasheet HTML 2Page - OSRAM GmbH LDMVSG Datasheet HTML 3Page - OSRAM GmbH LDMVSG Datasheet HTML 4Page - OSRAM GmbH LDMVSG Datasheet HTML 5Page - OSRAM GmbH LDMVSG Datasheet HTML 6Page - OSRAM GmbH LDMVSG Datasheet HTML 7Page - OSRAM GmbH LDMVSG Datasheet HTML 8Page - OSRAM GmbH LDMVSG Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2015-04-30
1
2015-04-30
Mini TOPLED
Datasheet
Version 1.2
LD MVSG
Small size high-flux LED for slim designs
Hocheffiziente, kompakte Lichtquelle für
platzsparende Designs
Features:
Besondere Merkmale:
•
Package: white SMD package, colorless clear
silicone resin
•
Gehäusetyp: weißes SMD Gehäuse, farbloser
klarer Silikon - Verguss
•
Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
•
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
•
Color: deep blue (460 nm)
•
Farbe: deep blue (460 nm)
•
ESD - withstand voltage: 8 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
•
ESD - Festigkeit: 8 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 3B)
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
•
Aircraft Interior Lighting
•
Flugzeugbeleuchtung innen
•
Automotive Interior Lighting
•
Automobilbeleuchtung innen
•
White Goods Lighting
•
Weiße Ware
•
Medical Lighting
•
Medizinische Beleuchtung
•
Variable Message Signs (VMS)
•
Wechselanzeigen (VMS)


Similar Part No. - LDMVSG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LDMVSG-JGLH-46-1 OSRAM-LDMVSG-JGLH-46-1 Datasheet
671Kb / 21P
white SMD package, colorless clear silicone resin
More results

Similar Description - LDMVSG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCWMTSG-U2V2-4L8N OSRAM-LCWMTSG-U2V2-4L8N Datasheet
704Kb / 23P
Small size high-flux LED for slim designs
LTMTSG-V2CA-35-1 OSRAM-LTMTSG-V2CA-35-1 Datasheet
1Mb / 21P
Small size high-flux LED for slim designs
LWM67C-Q2R2-JKPL-1 OSRAM-LWM67C-Q2R2-JKPL-1 Datasheet
667Kb / 23P
Small size high-flux LED for slim designs
LWM67C-T1U1-FK0KM0-24G6 OSRAM-LWM67C-T1U1-FK0KM0-24G6 Datasheet
675Kb / 23P
Small size high-flux LED for slim designs
LWM673-K2N1-FK0PM0-2 OSRAM-LWM673-K2N1-FK0PM0-2 Datasheet
664Kb / 23P
Small size high-flux LED for slim designs
LWM673-P1R2-FK0PM0 OSRAM-LWM673-P1R2-FK0PM0 Datasheet
669Kb / 23P
Small size high-flux LED for slim designs
LWM673-P1R2-FKPL OSRAM-LWM673-P1R2-FKPL Datasheet
648Kb / 23P
Small size high-flux LED for slim designs
LWMVSG-AZBZ-JKPL-Z486 OSRAM-LWMVSG-AZBZ-JKPL-Z486 Datasheet
688Kb / 23P
Small size high-flux LED for slim designs
LCWMVSG.EC OSRAM-LCWMVSG.EC Datasheet
1Mb / 26P
Small size high-flux LED for slim designs
logo
ams AG
LTMVSG AMSCO-LTMVSG Datasheet
1Mb / 21P
Small size high-flux LED for slim designs
Version 1.0 2020-03-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com