Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDMVSG Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LDMVSG
Description  Small size high-flux LED for slim designs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LDMVSG Datasheet(HTML) 5 Page - OSRAM GmbH

  LDMVSG Datasheet HTML 1Page - OSRAM GmbH LDMVSG Datasheet HTML 2Page - OSRAM GmbH LDMVSG Datasheet HTML 3Page - OSRAM GmbH LDMVSG Datasheet HTML 4Page - OSRAM GmbH LDMVSG Datasheet HTML 5Page - OSRAM GmbH LDMVSG Datasheet HTML 6Page - OSRAM GmbH LDMVSG Datasheet HTML 7Page - OSRAM GmbH LDMVSG Datasheet HTML 8Page - OSRAM GmbH LDMVSG Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Version 1.2
LD MVSG
2015-04-30
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 3) page 20
Durchlassspannungsgruppen 3) Seite 20
Dominant Wavelength Groups 2) page 20
Dominant Wellenlängengruppen 2) Seite 20
Group
Radiant Intensity 1) page 20
Radiant Intensity 1) page 20
Gruppe
Strahlstärke 1) Seite 20
Strahlstärke 1) Seite 20
(min.) I
E [mW/sr]
(max.) I
E [mW/sr]
JG
4.5
5.2
JH
5.2
6.1
JI
6.1
7.1
KG
7.1
8.2
KH
8.2
9.7
KI
9.7
11.2
LG
11.2
13
LH
13
15
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
Z4
2.70
2.90
44
2.90
3.10
86
3.10
3.40
Note:
Anm:
Group
deep blue
Gruppe
(min.) λ
dom
[nm]
(max.) λ
dom
[nm]
4
453
457
5
457
461
6
461
465
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com