Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEAQ7WP Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LEAQ7WP
Description  Headup Display
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEAQ7WP Datasheet(HTML) 1 Page - OSRAM GmbH

  LEAQ7WP Datasheet HTML 1Page - OSRAM GmbH LEAQ7WP Datasheet HTML 2Page - OSRAM GmbH LEAQ7WP Datasheet HTML 3Page - OSRAM GmbH LEAQ7WP Datasheet HTML 4Page - OSRAM GmbH LEAQ7WP Datasheet HTML 5Page - OSRAM GmbH LEAQ7WP Datasheet HTML 6Page - OSRAM GmbH LEAQ7WP Datasheet HTML 7Page - OSRAM GmbH LEAQ7WP Datasheet HTML 8Page - OSRAM GmbH LEAQ7WP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2017-05-11
1
2017-05-11
OSRAM OSTAR Projection Compact
Datasheet
Version 1.5 - OS-PCN-2016-024-A
LE A Q7WP
Compact light source in SMT technology, glass
window on top, RoHS compliant
Kompakte Lichtquelle in SMT Technologie,
Abdeckung mit Glasfenster, RoHS konform
Features:
Besondere Merkmale:
•
Package: compact lightsource in SMT technology
with glass window on top
•
Gehäusetyp: Kompakte Lichtquelle in SMT
Technologie mit Glasabdeckung
•
Technology: InGaAlP
•
Technologie: InGaAlP
•
Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
•
Color: amber (617 nm)
•
Farbe: amber (617 nm)
Applications
Anwendungen
•
Projection
•
Projektion
•
Headup Display
•
Headup Display


Similar Part No. - LEAQ7WP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEAQ7WP-NXPX-23 OSRAM-LEAQ7WP-NXPX-23 Datasheet
766Kb / 21P
compact lightsource in SMT technology with glass window on top
More results

Similar Description - LEAQ7WP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEBQ7WP OSRAM-LEBQ7WP Datasheet
819Kb / 24P
Headup Display
LECGQ7WP OSRAM-LECGQ7WP Datasheet
1Mb / 26P
Headup Display
LUWCEUP.HD OSRAM-LUWCEUP.HD Datasheet
767Kb / 23P
Headup Display
KWDMLN32.SB OSRAM-KWDMLN32.SB Datasheet
1,009Kb / 25P
Headup Display
logo
Japan Display Inc.
LPM013M091A DATAMODUL-LPM013M091A_18 Datasheet
2Mb / 47P
Display
LPM013M126A DATAMODUL-LPM013M126A Datasheet
757Kb / 38P
Display
LPM027M128B DATAMODUL-LPM027M128B Datasheet
929Kb / 37P
Display
LPM027M128C DATAMODUL-LPM027M128C Datasheet
2Mb / 37P
Display
LPM044M141A DATAMODUL-LPM044M141A Datasheet
725Kb / 38P
Display
logo
PHOENIX CONTACT
1426836 PHOENIX-1426836 Datasheet
208Kb / 4P
Display - CHARX 4,3 LCD DISPLAY
Nov 3, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com