Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEAQ7WP Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LEAQ7WP
Description  Headup Display
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEAQ7WP Datasheet(HTML) 5 Page - OSRAM GmbH

  LEAQ7WP Datasheet HTML 1Page - OSRAM GmbH LEAQ7WP Datasheet HTML 2Page - OSRAM GmbH LEAQ7WP Datasheet HTML 3Page - OSRAM GmbH LEAQ7WP Datasheet HTML 4Page - OSRAM GmbH LEAQ7WP Datasheet HTML 5Page - OSRAM GmbH LEAQ7WP Datasheet HTML 6Page - OSRAM GmbH LEAQ7WP Datasheet HTML 7Page - OSRAM GmbH LEAQ7WP Datasheet HTML 8Page - OSRAM GmbH LEAQ7WP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Version 1.5 - OS-PCN-2016-024-A
LE A Q7WP
2017-05-11
5
Brightness Groups
Helligkeitsgruppen
Dominant Wavelength Groups
2) page 23
Dominant Wellenlängengruppen 2) Seite 23
Group
Luminous Flux 1) page 23
Luminous Flux 1) page 23
Gruppe
Lichtstrom 1) Seite 23
Lichtstrom 1) Seite 23
(min.) Φ
V [lm]
(max.) Φ
V [lm]
NX
280
330
NY
330
390
NZ
390
450
PX
450
520
Group
amber
Gruppe
(min.) λdom
[nm]
(max.) λdom
[nm]
2
612
618
3
618
624
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com