Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOGT77K Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LOGT77K
Description  optical indicators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LOGT77K Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LOGT77K Datasheet HTML 3Page - OSRAM GmbH LOGT77K Datasheet HTML 4Page - OSRAM GmbH LOGT77K Datasheet HTML 5Page - OSRAM GmbH LOGT77K Datasheet HTML 6Page - OSRAM GmbH LOGT77K Datasheet HTML 7Page - OSRAM GmbH LOGT77K Datasheet HTML 8Page - OSRAM GmbH LOGT77K Datasheet HTML 9Page - OSRAM GmbH LOGT77K Datasheet HTML 10Page - OSRAM GmbH LOGT77K Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LOG T77K
2010-03-02
7
Durchlassstrom
6) Seite 16
Forward Current
6) page 16
I
F = f (VF); TA = 25 °C
Relative Lichtstärke
6) 7) Seite 16
Relative Luminous Intensity
6) 7) page 16
I
V/IV(2 mA) = f (IF); TA = 25 °C
Relative Lichtstärke
6) Seite 16
Relative Luminous Intensity
6) page 16
I
V / IV(25 °C)= f (TA); IF = 2 mA
V
OHL00838
1.4
10
-3
10
-2
10
-1
10
0
10
1
mA
10
2
IF
V
F
1.6
1.8
2.0
2.2
green
orange
10
10
0
mA
1
10
I
F
2
I
V (2 mA)
I
V
OHL00839
10
2
10
-1
10
0
10
1
green
orange
OHL00840
0
-60
T
I
V (25˚C)
I
V
-40 -20
0
20 40 60
˚C 100
0.5
1.0
1.5
2.0
3.0
orange
green
j



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com