Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOGT77K Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LOGT77K
Description  optical indicators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LOGT77K Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LOGT77K Datasheet HTML 6Page - OSRAM GmbH LOGT77K Datasheet HTML 7Page - OSRAM GmbH LOGT77K Datasheet HTML 8Page - OSRAM GmbH LOGT77K Datasheet HTML 9Page - OSRAM GmbH LOGT77K Datasheet HTML 10Page - OSRAM GmbH LOGT77K Datasheet HTML 11Page - OSRAM GmbH LOGT77K Datasheet HTML 12Page - OSRAM GmbH LOGT77K Datasheet HTML 13Page - OSRAM GmbH LOGT77K Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
2010-03-02
10
LOG T77K
Gurtung / Polarität und Lage
8) Seite 16
Verpackungseinheit 2000/Rolle, ø180 mm
oder 8000/Rolle, ø330 mm
Method of Taping / Polarity and Orientation
8) page 16
Packing unit 2000/reel, ø180 mm or 8000/reel,
ø330 mm
OHAY1236
1.5 (0.059)
2 (0.079)
4 (0.157)
3 (0.118)
Cathode/Collector Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com