Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74FCT574TS Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI74FCT574TS
Description  Fast CMOS Octal D Registers (3-State)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT574TS Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI74FCT574TS Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT574TS Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT574TS Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT574TS Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT574TS Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT574TS Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT574TS Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74FCT574TS Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74FCT574TS Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
PS2016C
10/01/04
Description:
Pericom Semiconductor’s PI74FCT374T/574T are 8-bit wide octal
registers designed with eight D-type flip-flops with a buffered
common clock and buffered 3-state outputs. When output enable
(OE)isLOW,theoutputsareenabled.WhenOEisHIGH,theoutputs
are in the high impedance state. Input data meeting the setup and
hold time requirements of the D inputs is transferred to the O outputs
on the LOW-to-HIGH transition of the clock input. Device models
available upon request.
Block Diagram
Features:
• Pin compatible with bipolar FAST™ Series at a higher speed
and lower power consumption
• TTL input and output levels
• Low ground bounce outputs
• Extremely low static power
• Hysteresis on all inputs
• Industrial operating temperature range: –40°C to +85°C
• Packaging (Pb-free & Green available):
– 20-pin 173-mil wide plastic TSSOP (L)
– 20-pin 150-mil wide plastic QSOP (Q)
– 20-pin 150-mil wide plastic TQSOP (R)
– 20-pin 209-mil wide plastic SSOP (H)
– 20-pin 300-mil wide plastic SOIC (S)
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Fast CMOS Octal D Registers (3-State)
PI74FCT374T
PI74FCT574T
D
Q
D0
O0
CP
CP
OE
D
Q
D1
O1
CP
D
Q
D2
O2
CP
D
Q
D3
O3
CP
D
Q
D4
O4
CP
D
Q
D5
O5
CP
D
Q
D6
O6
CP
D
Q
D7
O7
CP
PI74FCT374PinConfiguration
PI74FCT574PinConfiguration
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OE
O0
D0
D1
O1
O2
D2
D3
O3
GND
Vcc
O7
D7
D6
O6
O5
D5
D4
O4
CP
20-PIN
L20
H20
Q20
S20
20-PIN
L20
Q20
S20
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OE
D0
D1
D2
D3
D4
D5
D6
D7
GND
Vcc
O0
O1
O2
O3
O4
O5
O6
O7
CP


Similar Part No. - PI74FCT574TS

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT573ATH PERICOM-PI74FCT573ATH Datasheet
160Kb / 8P
Fast CMOS Octal Transparent Latches
PI74FCT573ATL PERICOM-PI74FCT573ATL Datasheet
160Kb / 8P
Fast CMOS Octal Transparent Latches
PI74FCT573ATQ PERICOM-PI74FCT573ATQ Datasheet
160Kb / 8P
Fast CMOS Octal Transparent Latches
PI74FCT573ATQ PERICOM-PI74FCT573ATQ Datasheet
581Kb / 10P
Octal Transparent Latches
PI74FCT573ATQE PERICOM-PI74FCT573ATQE Datasheet
581Kb / 10P
Octal Transparent Latches
More results

Similar Description - PI74FCT574TS

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT3574 IDT-IDT74FCT3574 Datasheet
108Kb / 7P
3.3V CMOS OCTAL D REGISTERS (3-STATE)
IDT74FCT646T IDT-IDT74FCT646T Datasheet
189Kb / 9P
FAST CMOS OCTAL TRANSCEIVER/ REGISTERS (3-STATE)
IDT74FCT574 IDT-IDT74FCT574 Datasheet
144Kb / 7P
FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT74FCT2374AT IDT-IDT74FCT2374AT Datasheet
74Kb / 7P
FAST CMOS OCTAL D REGISTER (3-STATE)
IDT5474FCT374A IDT-IDT5474FCT374A Datasheet
91Kb / 7P
FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT54FCT374DB IDT-IDT54FCT374DB Datasheet
88Kb / 7P
FAST CMOS OCTAL D REGISTERS (3-STATE)
7130LA55P IDT-7130LA55P Datasheet
88Kb / 7P
FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT54 IDT-IDT54 Datasheet
57Kb / 7P
FAST CMOS OCTAL D REGISTERS (3-STATE)
74FCT574T IDT-74FCT574T Datasheet
57Kb / 7P
FAST CMOS OCTAL D REGISTERS (3-STATE)
logo
Renesas Technology Corp
IDT74FCT2374AT RENESAS-IDT74FCT2374AT Datasheet
244Kb / 8P
FAST CMOS OCTAL D REGISTER (3-STATE)
SEPTEMBER 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com