Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE5SC2005 Datasheet(PDF) 30 Page - Pasternack Enterprises, Inc.

Part # PE5SC2005
Description  TECHNICAL DATA SHEET
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE5SC2005 Datasheet(HTML) 30 Page - Pasternack Enterprises, Inc.

Back Button PE5SC2005 Datasheet HTML 22Page - Pasternack Enterprises, Inc. PE5SC2005 Datasheet HTML 23Page - Pasternack Enterprises, Inc. PE5SC2005 Datasheet HTML 24Page - Pasternack Enterprises, Inc. PE5SC2005 Datasheet HTML 25Page - Pasternack Enterprises, Inc. PE5SC2005 Datasheet HTML 26Page - Pasternack Enterprises, Inc. PE5SC2005 Datasheet HTML 27Page - Pasternack Enterprises, Inc. PE5SC2005 Datasheet HTML 28Page - Pasternack Enterprises, Inc. PE5SC2005 Datasheet HTML 29Page - Pasternack Enterprises, Inc. PE5SC2005 Datasheet HTML 30Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
30
TECHNICAL DATA SHEET
PE70MP5000
PE70MP5000 REV 1.0
75 Ohm Type F Test and Measurement Kit with
SOLT Calibration Components, N Male to F Male
Armored Test Cables and Precision Accessories
75 Ohm Type F Test and Measurement Kit with SOLT Calibration Components, N Male to F Male Armored Test Cables and
Precision Accessories from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF,
microwave and millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm Type F Test and Measurement Kit with SOLT Calibration Components, N Male to F Male
Armored Test Cables and Precision Accessories PE70MP5000
URL: http://www.pasternack.com/75ohm-f-open-short-load-3-ghz-pe70mp5000-p.aspx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com