Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE5SC2005 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE5SC2005
Description  TECHNICAL DATA SHEET
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE5SC2005 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE5SC2005 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE5SC2005 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE5SC2005 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE5SC2005 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE5SC2005 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE5SC2005 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE5SC2005 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE5SC2005 Datasheet HTML 8Page - Pasternack Enterprises, Inc. PE5SC2005 Datasheet HTML 9Page - Pasternack Enterprises, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1
TECHNICAL DATA SHEET
This 75 Ohm test kit includes all of the components needed to calibrate a Type N VNA for 75 Ohm Type F measurements
to 3 GHz. The kit includes a Type F SOLT calibration kit, Armored N to F VNA test cables and a set of additional 75 Ohm
accessories. Included in the kit are a set of Type N impedance matching pads that allow a 50 ohm system to make 75 ohm
measurements. The 75 Ohm Type N to F armored test cables have excellent performance up to 3 GHz with a maximum VSWR
of 1.16:1. All of these items are conveniently packed in a sturdy box keeping all of your 75 GHz test components in a neat, safe
and organized package. This 75 Ohm type F calibration kit is in-stock and ready to ship same day.
Features
• Complete set of 3 GHz Type F Test Components
• 75 Ohm SOLT Type F Cal Kit
• Type N Matching Pads, 50 to 75 Ohm
• 75 Ohm Armored Test Cables Type N to Type F
• Additional Type F Loads
• Additional Type F Adapters
Applications
• 75 Ohm VNA Testing
• CATV system Testing
• 75 Ohm Research and
Development Testing
Configuration
Impedance
75 Ohms
Frequency Range
DC to 3 GHz
QTY
1
PE5SC2004
1
PE5SC2005
1
PE5SC1004
1
PE5SC1005
1
PE5SC3005
1
PE5TR1004
1
PE5TR1005
1
2
2
2
2
2
Kit Components
Part Number
Description
75 Ohm Cal Kit
PE5CK1002
75 Ohm F General Purpose Calibration Kit Including Short Circuit, Open Circuit, Load and Thru
Components Operating From DC to 3 GHz
PE3CA1031-60CM
Female Open
Male Open
Female Short
Male Short
Thru Adapter Female to Female
Female Load
Male Load
Impedance Matching Pads
Loads/Terminators
Adapters
PE70MP1003
PE6TR1015
PE91348
75 Ohm Type F Test and Measurement Kit with SOLT Calibration Components, N Male to F Male Armored Test Cables and Precision Accessories
PE91349
75 Ohm N Male to 75 Ohm F Male Cable 60 cm Length Using 75 Ohm Armored Test Coax, ROHS
50 Ohm N Male to 75 Ohm N Female Matching Pad Operating From .009 MHz to 3 GHz RoHS Compliant
2 Watt RF Load Up to 3 GHz with 75 Ohm F Male Input
Precision 75 Ohm F Male to F Male Adapter
Precision 75 Ohm F Female to F Female Adapter
Test Cables
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm Type F Test and Measurement Kit with SOLT Calibration Components, N Male to F
Male Armored Test Cables and Precision Accessories PE70MP5000
PE70MP5000
PE70MP5000 REV 1.0
75 Ohm Type F Test and Measurement Kit with
SOLT Calibration Components, N Male to F Male
Armored Test Cables and Precision Accessories


Similar Part No. - PE5SC2005

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5SC2005 PASTERNACK-PE5SC2005 Datasheet
419Kb / 4P
75 Ohm F Male General Purpose Calibration Kit Component Open Circuit Operating From DC to 3 GHz
More results

Similar Description - PE5SC2005

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
TECHNICAL DATA SHEET
PE15A3502 PASTERNACK-PE15A3502_17 Datasheet
566Kb / 6P
TECHNICAL DATA SHEET
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
TECHNICAL DATA SHEET
PE15A4038 PASTERNACK-PE15A4038 Datasheet
437Kb / 6P
TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
TECHNICAL DATA SHEET
PE15A9002 PASTERNACK-PE15A9002 Datasheet
484Kb / 7P
TECHNICAL DATA SHEET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com