Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7640LT Datasheet(PDF) 10 Page - Pixart Imaging Inc.

Part # PAC7640LT
Description  Enhanced QE Global Shutter Image Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7640LT Datasheet(HTML) 10 Page - Pixart Imaging Inc.

Back Button PAC7640LT Datasheet HTML 6Page - Pixart Imaging Inc. PAC7640LT Datasheet HTML 7Page - Pixart Imaging Inc. PAC7640LT Datasheet HTML 8Page - Pixart Imaging Inc. PAC7640LT Datasheet HTML 9Page - Pixart Imaging Inc. PAC7640LT Datasheet HTML 10Page - Pixart Imaging Inc. PAC7640LT Datasheet HTML 11Page - Pixart Imaging Inc. PAC7640LT Datasheet HTML 12Page - Pixart Imaging Inc. PAC7640LT Datasheet HTML 13Page - Pixart Imaging Inc. PAC7640LT Datasheet HTML 14Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
PixArt Imaging Inc.
PAC7640 Product Datasheet
Enhanced QE Global Shutter Image Sensor
Version 1.1 | 11 Sep 2015 | 41002EN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
4.0 Mechanical Specifications
4.1
Mechanical Dimension
Figure 5. Package Mechanical Diagram
Table 7. Mechanical Dimension Specifications
Parameters
Symbol
Nominal
Min.
Max.
Unit
Package Body Dimension X
A
3421
3396
3446
μm
Package Body Dimension Y
B
3421
3396
3446
μm
Package Height
C
760
700
820
μm
Ball Height
C1
130
100
160
μm
Package Body Thickness
C2
630
585
675
μm
Thickness of Glass Surface to Wafer
C3
445
425
465
μm
Ball Diameter
D
250
220
280
μm
Total Pin Count
N
36
-
-
Counts
Pin Count X axis
N1
6
-
-
Counts
Pin Count Y axis
N2
6
-
-
Counts
Pin Pitch X axis
J1
500
-
-
μm
Pin Pitch Y axis
J2
500
-
-
μm
Edge to Pin Center Distance along X
S1
460.5
430.5
490.5
μm
Edge to Pin Center Distance along Y
S2
460.5
430.5
490.5
μm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com