Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7640LT Datasheet(PDF) 4 Page - Pixart Imaging Inc.

Part # PAC7640LT
Description  Enhanced QE Global Shutter Image Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7640LT Datasheet(HTML) 4 Page - Pixart Imaging Inc.

  PAC7640LT Datasheet HTML 1Page - Pixart Imaging Inc. PAC7640LT Datasheet HTML 2Page - Pixart Imaging Inc. PAC7640LT Datasheet HTML 3Page - Pixart Imaging Inc. PAC7640LT Datasheet HTML 4Page - Pixart Imaging Inc. PAC7640LT Datasheet HTML 5Page - Pixart Imaging Inc. PAC7640LT Datasheet HTML 6Page - Pixart Imaging Inc. PAC7640LT Datasheet HTML 7Page - Pixart Imaging Inc. PAC7640LT Datasheet HTML 8Page - Pixart Imaging Inc. PAC7640LT Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
PixArt Imaging Inc.
PAC7640 Product Datasheet
Enhanced QE Global Shutter Image Sensor
Version 1.1 | 11 Sep 2015 | 41002EN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
1.3
Pin Configuration
VDDAY
VPOS
VSSA
FOD_T
RI
SYS_
CLK
VDGND
A
1
2
3
4
5
6
VDD28
VDDRE
F_O
RESETB
FSYNC
RSV
I2C_
SCL
B
RSV
VDGND
VNEG
TEST1
TEST2
I2C_
SDA
C
RSV
VDD28
_MIPI
RSV
RSV
RSV
LED_
STRB
D
RSV
VCCTX
VDD15
_MIPI
VGND_
MIPI
VDD15
RSV
E
RSV
CLK_
TX_P
CLK_
TX_N
DATA_
TX_P
DATA_
TX_N
VDDIO
F
Top View (Bumps Down)
Figure 3. Ball Map Configuration
Table 1. PAC7640LT Pin Description
Pin No.
Symbol
Type
Description
Function
Power Supplies
A1
VDDAY
Output
Regulator output, for sensor power reference. Connect to a 0.1uF bypass
capacitor.
A2
VPOS
Output
Regulator output, for sensor power reference. Connect to a 47nF bypass
capacitor.
B1
VDD28
Power
2.8 volt analog power supply. Connect to a 0.1uF bypass capacitor.
B2
VDDREF_O
Output
Regulator output, for ADC power reference. Connect to a 0.1uF bypass
capacitor.
D2
VDD28_MIPI
Power
2.8 volt MIPI power supply, for LP signal reference. Connect to a 0.1uF bypass
capacitor.
E2
VCCTX
Output
Regulator output, for MIPI HS signal reference. Connect to a 0.1uF bypass
capacitor.
E3
VDD15_MIPI
Power
1.5 volt MIPI power supply, for HS signal reference. Connect to a 0.1uF bypass
capacitor.
E5
VDD15
Power
1.5 volt digital core power supply. Connect to a 0.1uF bypass capacitor.
F6
VDDIO
Power
1.8 volt IO power supply. Connect to a 0.1uF bypass capacitor.
A3
VSSA
Ground
Analog ground.
A6
VDGND
Ground
Digital core ground.
C2
VDGND
Ground
Digital core ground.
C3
VNEG
Ground
Sensor ground.
E4
VGND_MIPI
Ground
MIPI ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com