Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAJ7620F2 Datasheet(PDF) 13 Page - Pixart Imaging Inc.

Part # PAJ7620F2
Description  Integrated Gesture Recognition Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAJ7620F2 Datasheet(HTML) 13 Page - Pixart Imaging Inc.

Back Button PAJ7620F2 Datasheet HTML 9Page - Pixart Imaging Inc. PAJ7620F2 Datasheet HTML 10Page - Pixart Imaging Inc. PAJ7620F2 Datasheet HTML 11Page - Pixart Imaging Inc. PAJ7620F2 Datasheet HTML 12Page - Pixart Imaging Inc. PAJ7620F2 Datasheet HTML 13Page - Pixart Imaging Inc. PAJ7620F2 Datasheet HTML 14Page - Pixart Imaging Inc. PAJ7620F2 Datasheet HTML 15Page - Pixart Imaging Inc. PAJ7620F2 Datasheet HTML 16Page - Pixart Imaging Inc. PAJ7620F2 Datasheet HTML 17Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13
PixArt Imaging Inc.
PAJ7620F2 General Datasheet
Integrated Gesture Recognition Sensor
Version 1.0 | 29 Mar 2016 | 41001AEN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
4.4
Gesture Functional Specifications
Parameters
Symbol
Min.
Typ.
Max.
Unit
Condition
Gesture Detecting Range
dOP
5
30
cm
Calculated from PAJ7620F2 sensor
center
Near Mode: 5 - 15 cm
Far Mode : 15 - 30 cm
Gesture Detecting View
Angle
θOP
30
-
60
degree
Calculated diagonally
60 degree for Near Mode
30 degree for Far Mode
Gesture Speed Response
ω
60
600
degree/s
Angular velocity under Normal Mode
60
1200
Angular velocity under Gamming
Mode
Gesture Update Rate
fUpdate
-
120
240
Hz
120 Hz for Normal Mode
240 Hz for Gaming Mode
LED View Angle
2θ1/2
60
degree
LED Peak Wavelength
λ
940
nm
4.5
Interface AC Specifications
Parameters
Symbol
Min.
Typ.
Max.
Unit
Conditions
I2C Speed
SI2C
-
100
400
Kbit/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com